Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 5 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 5 Page - Microchip Technology

  AVR16EB32 Datasheet HTML 1Page - Microchip Technology AVR16EB32 Datasheet HTML 2Page - Microchip Technology AVR16EB32 Datasheet HTML 3Page - Microchip Technology AVR16EB32 Datasheet HTML 4Page - Microchip Technology AVR16EB32 Datasheet HTML 5Page - Microchip Technology AVR16EB32 Datasheet HTML 6Page - Microchip Technology AVR16EB32 Datasheet HTML 7Page - Microchip Technology AVR16EB32 Datasheet HTML 8Page - Microchip Technology AVR16EB32 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
AVR16EB32 Curiosity Nano
Features and Pinout
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 5
1.3
Board Overview
Figure 1-1. AVR16EB32 Curiosity Nano Board Overview
User Switch
(SW0)
AVR16EB32
MCU
Debugger
USB Type-C®
Connector
Power/Status
LED
User LED
(LED0)
32.768 kHz
Crystal Footprint
1.4
Block Diagram
Figure 1-2. AVR16EB32 Curiosity Nano Board Block Diagram
Level
Shi er
USB 2.0
VOLTAGE
CONTROL
AVR16EB32
MCU
User LED
(LED0)
TARGET POWER
VDD
User Switch
(SW0)
GPIO
UART (CDC)
UART (CDC)
USB Type-C®
Connector
Power/Status
LED
Debugger Regulator
(3.3V)
Adjustable Target Regulator
(1.8-5.1V)
5.0V
Debugger
UPDI
UPDI
32.768 kHz
Crystall Footprint
(Y100)
GPIO
1.5
Pinout
All the AVR16EB32 I/O pins are accessible at the edge connectors on the board. The image below
shows the board pinout. Refer to the I/O Multiplexing and Considerations section in the AVR16EB32
data sheet for all available functions on each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com