| Electronic Components Datasheet Search |
|
AVR16EB32 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AVR16EB32 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 46 page ![]() AVR16EB32 Curiosity Nano Getting Started User Guide © 2024 Microchip Technology Inc. and its subsidiaries DS50003605B - 7 2. Getting Started Getting started resources for the AVR16EB32 Curiosity Nano board in the MPLAB Tools Ecosystem. 2.1 Getting Started Now with AVR® Are you new to using AVR microcontrollers (MCUs)? Our comprehensive MPLAB® development ecosystem supports Microchip MCUs, which makes it easy to get your prototype up and running and includes production-ready code generation tools. Try the interactive guide to find the necessary resources: Get Started Now with AVR MCUs. 1. Examples: MPLAB Discover is a tool to help you find Microchip example projects. It offers several ways to filter projects to efficiently find a Microchip-tested example, as close as possible to your application requirements, to use as a starting point for your development. 2. Configure: MCC Melody provides Libraries, Drivers, and Peripheral Libraries (PLIB) for the development of embedded software for a range of supported Microchip MCUs, which are configured using MPLAB® Code Configurator (MCC). 3. Develop: MPLAB X IDE (Integrated Development Environment), which is available for Windows, Linux and macOS, also MPLAB ® XC C Compilers and GCC Compiler for AVR®. 4. Debug: With the MPLAB X IDE and/or the MPLAB Data Visualizer, the AVR16EB32 device on the AVR16EB32 Curiosity Nano board is programmed and debugged by the on-board debugger. Therefore, no external programmer or debugger tool is required. 5. Boards: The AVR16EB32 Curiosity Nano board is a supported part of the Curiosity Nano Development Platform, which includes the Curiosity Nano Base for Click Boards™. Tip: Have a look at this free Microchip University course. The Curiosity Nano development platform is well suited to rapid prototyping. This course will introduce you to the defining features of the Curiosity Nano platform and show you how it can assist with using a new microcontroller or developing a new prototype. This course includes an in-depth look at the on-board debugger, which is central to the platform, and how to use its various user interfaces to help you reach your goals quicker. 2.2 How the Curiosity Nano Fits Into the MPLAB Tools Ecosystem 2.2.1 MPLAB X IDE Support for Curiosity Nano When the board connects to the computer for the first time, the operating system will install the driver software. The drivers for the board are included with MPLAB® X IDE. Once this is done, when connecting the Curiosity Nano to a host PC via USB, if MPLAB X IDE is open, a Kit Window is opened with several key links for that Curiosity Nano. When creating a new project, the part number on the Curiosity Nano will be detected, as will the debug tool. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |