Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 20 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 20 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 16Page - Microchip Technology AVR16EB32 Datasheet HTML 17Page - Microchip Technology AVR16EB32 Datasheet HTML 18Page - Microchip Technology AVR16EB32 Datasheet HTML 19Page - Microchip Technology AVR16EB32 Datasheet HTML 20Page - Microchip Technology AVR16EB32 Datasheet HTML 21Page - Microchip Technology AVR16EB32 Datasheet HTML 22Page - Microchip Technology AVR16EB32 Datasheet HTML 23Page - Microchip Technology AVR16EB32 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 20
Info:  The available feature-set and corresponding prevention mechanism
depend on the device. Check the data sheet for further information.
The protection mechanism can be disabled for users wanting to have the complete experience of
given features that require irreversible changes. Doing this will result in permanent changes.
The pydebuggerconfig package distributed on pypi.org can be used to tweak many aspects of the
debugger, including configuration protection. This procedure requires the installation of a recent
release of Python 3 and the pydebuggerconfig package in that environment.
Step 1: Current status
Determine whether protection is currently enabled by executing:
pydebuggerconfig read
Then check for the section:
Register TARGET_DEBUG_FEATURES:
0x0F (15)
# Program/debug features
bit 0, SINGLE_DEVICE: 1 # Single-device
bit 1, PROG_ENABLED: 1 # Programming
bit 2, DEBUG_ENABLED: 1 # Debug
bit 3, FUSE_PROTECTION: 1 # Fuse protection
A FUSE_PROTECTION value of '1' indicates that protection is in place.
Step 2: Modifying the protection setting
Calculate the desired setting for TARGET_DEBUG_FEATURES by setting FUSE_PROTECTION to '0'.
Replace the current value in the TARGET_DEBUG_FEATURES register by executing, for example:
pydebuggerconfig replace -r TARGET_DEBUG_FEATURES=0x07
To verify that the new value is set, repeat the process from step 1 and then toggle power on the kit.
All protection mechanisms are now disabled.
Step 3: Restoring protection
Protection can be re-enabled either by repeating step 2 with the initial value or using the factory-
restore function by executing:
pydebuggerconfig restore
Important:  The restore function will only restore any altered
kit configuration
settings that have changed since manufacturing, which is done by restoring a
copy of the
kit configuration settings stored internally on the debugger. This
operation does not affect the MCU and will not undo any irreversible changes that
may have been made to its configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com