Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 29 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 29 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 25Page - Microchip Technology AVR16EB32 Datasheet HTML 26Page - Microchip Technology AVR16EB32 Datasheet HTML 27Page - Microchip Technology AVR16EB32 Datasheet HTML 28Page - Microchip Technology AVR16EB32 Datasheet HTML 29Page - Microchip Technology AVR16EB32 Datasheet HTML 30Page - Microchip Technology AVR16EB32 Datasheet HTML 31Page - Microchip Technology AVR16EB32 Datasheet HTML 32Page - Microchip Technology AVR16EB32 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
AVR16EB32 Curiosity Nano
Revision History
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 29
5.
Revision History
Hardware and Document Revision History.
5.1
Hardware Revision History and Known Issues
This user guide provides information about the latest available revision of the board. The following
sections contain information about known issues, a revision history of older revisions, and how
older revisions differ from the latest revision.
5.1.1
Identifying Product ID and Revision
There are two ways to find the revision and product identifier of the AVR16EB32 Curiosity Nano: The
MPLAB X IDE Kit Window or the sticker on the bottom of the PCB.
The Kit Window will pop up when connecting AVR16EB32 Curiosity Nano to a computer with MPLAB
X IDE running. The first six digits of the serial number, listed under kit information, contain the
product identifier and revision.
Tip:  If closed, the Kit Window can be opened in MPLAB X IDE through the menu
bar Window > Kit Window.
The same information is found on the sticker on the bottom side of the PCB. Most boards will have
the identifier, revision, serial number, and manufacturing date printed in plain text as 02-nnnn\rr
SN: mmmssssss [Manufacturing date], where “nnnn” is the identifier, “rr” is the revision, "mmm" is
the manufacturer, and "ssssss" is the serial number.
The serial number string has the following format:
"nnnnnnrrmmmssssss"
n = product identifier
r = revision
m = manufacturer
s = serial number
The product identifier for AVR16EB32 Curiosity Nano is 02-00618.
5.1.2
Revision 2
Revision 2 is the initially released board revision. It has AVR16EB32 rev. A0 mounted.
5.1.2.1 Flash Verification Fails in MPLAB® X
Verification errors may be reported in MPLAB® X when writing fuses/configuration bits on
AVR16EB32 Curiosity Nano revision 2, which is caused by the debugger incorrectly masking/
protecting the configuration memory of the AVR device. There are several possible workarounds for
this issue. Workarounds 1 and 2 are persistent on the AVR16EB32 Curiosity Nano, while workaround
3 affects only the current project and does not persist on the kit.
Info:  You can see this message during the verification of reserved locations
not required to be written for regular operation. You may assume that Flash
programming has succeeded unless seeing a Flash memory verification failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com