Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 25 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 25 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 21Page - Microchip Technology AVR16EB32 Datasheet HTML 22Page - Microchip Technology AVR16EB32 Datasheet HTML 23Page - Microchip Technology AVR16EB32 Datasheet HTML 24Page - Microchip Technology AVR16EB32 Datasheet HTML 25Page - Microchip Technology AVR16EB32 Datasheet HTML 26Page - Microchip Technology AVR16EB32 Datasheet HTML 27Page - Microchip Technology AVR16EB32 Datasheet HTML 28Page - Microchip Technology AVR16EB32 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
AVR16EB32 Curiosity Nano
Hardware Implementation
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 25
output voltage, and the ambient temperature. The figure below shows the safe operating area for
the regulator, with an input voltage of 5.1V and an ambient temperature of 23°C.
Figure 4-7. Target Regulator Safe Operation Area
The voltage output of the target regulator is continuously monitored (measured) by the on-board
debugger. An error condition will be flagged - and the target voltage regulator will be switched off,
detecting and handling any short-circuit conditions if it is more than 100 mV over/under the set
device voltage. It will also detect and handle if an external voltage, which causes VCC_TARGET to
move outside the voltage setting monitoring window of ±100 mV, is suddenly applied to the VTG pin
without setting the VOFF pin low.
Info: The on-board debugger has a monitoring window of VCC_TARGET±100 mV,
and the status LED will blink rapidly if the external voltage is under this limit.
The on-board debugger status LED will continue to shine if the external voltage
surpasses this limit. When removing the external voltage, the status LED will start
blinking rapidly until the on-board debugger detects the new situation and turns
the target voltage regulator back on.
4.4.3
External Supply
Instead of the on-board target regulator, an external voltage can power the AVR16EB32 Curiosity
Nano. When shorting the Voltage Off (VOFF) pin to the ground (GND) pin, the on-board debugger
firmware disables the target regulator, and it is safe to apply an external voltage to the VTG pin.
It is also safe to apply an external voltage to the VTG pin when no USB cable is plugged into the
DEBUG connector on the board.
The VOFF pin can be tied low/let go at any time, which will be detected by a pin-change interrupt to
the on-board debugger, which controls the target voltage regulator accordingly.
Applying an external voltage to the VTG pin without shorting VOFF to GND may
cause permanent damage to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com