Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 33 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 33 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 29Page - Microchip Technology AVR16EB32 Datasheet HTML 30Page - Microchip Technology AVR16EB32 Datasheet HTML 31Page - Microchip Technology AVR16EB32 Datasheet HTML 32Page - Microchip Technology AVR16EB32 Datasheet HTML 33Page - Microchip Technology AVR16EB32 Datasheet HTML 34Page - Microchip Technology AVR16EB32 Datasheet HTML 35Page - Microchip Technology AVR16EB32 Datasheet HTML 36Page - Microchip Technology AVR16EB32 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
6.1
Schematic
rotatethispage90
Figure 6-1. AVR16EB32 Curiosity Nano MCU Schematic
rotatethispage90
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
D
D
C
C
B
B
A
A
AVR16EB32 Curiosity Nano
AVR16EB32_Curiosity_Nano_Target_MCU.SchDoc
Project Title
File:
Designed with
PCB Layout Contact:
HM
Sheet Title
Target MCU
Project Owner:
PDB
Size A3
EV73J36A
PartNumber:
Variant: Default Assembly
2 of 4
2023-07-21
SCH #:
Date:
Sheet
02-00618
2
PCB #: 04-11710
Rev:
Rev: 2
Altium.com
CNANO Template Revision: 2.3
AVR16EB32
DEBUGGER CONNECTIONS
CDC_RX
CDC_RX
Debugger
Pin
Name
AVR16EB32
CDC_TX
CDC_TX
USART0 RX
CDC TX
PC2
DBG0
DBG0
DBG3
DBG3
USART0 TX
CDC RX
PC1
VCC_TARGET
DBG1
DBG1
0.1uF
C100
DBG2
DBG2
PF7
UPDI
DBG0
VOFF
VOFF
ID_SYS
ID_SYS
PF5
DBG1
GPIO1
GND
DBG2
GPIO0
PF6
RESET
DBG3
PF6
VTG
1.8V - 5.5V
VCC_VBUS
RESERVED
1
ID
2
CDC RX
3
CDC TX
4
DBG1
5
DBG2
6
0 TX
7
1 RX
8
2 SDA
9
3 SCL
10
4 MOSI
11
5 MISO
12
6 SCK
13
7 SS
14
GND
15
0 (TX)
16
1 (RX)
17
2
18
3
19
0
20
1
21
2
22
3
23
4
24
5
25
6
26
7
27
GND
28
ADC0
29
ADC1
30
ADC2
31
PWM 3
32
PWM 4
33
ADC 5
34
ADC 6
35
ADC 7
36
VCC
37
GND
38
DBG0
39
DBG3
40
VOFF
41
VBUS
42
DEBUGGER
TARGET
EDGE 42P Female CNANO
J100
J101
PC1_USART0_TX
J103
PF6_RESET_SW0
PA3
1
PA4
2
PA5
3
PA6
4
PA7
5
PC0
6
PC1
7
PC2
8
PD7
17
AVDD
18
GND
19
PF0
20
PF1
21
PF2
22
PF3
23
PF4
24
AVR16EB32
U100
PC2_USART0_RX
J102
J105
PF7_UPDI_DBG0
J104
J106
PF5_LED0_DBG1
GND
PA3_USART0_RX
VCC_EDGE
PF4
PF6_RESET_SW0
PA2_USART0_TX
PA4_SPI0_MOSI
PD5_AIN5
PF3
PA3_USART0_RX
PA5_SPI0_MISO
J108
PD4_AIN4
PF2
PA6_SPI0_SCK
PA0_XTAL32K1_SDA
J107
PA0
PD3_AIN3_TCE0_WO3
PF1
PA1_XTAL32K2_SCL
PA7_SPI0_SS
PA1
PD2_AIN2_TCE0_WO2
PF0
PA4_SPI0_MOSI
0.1uF
C101
PC0
PD1_AIN1_TCE0_WO1
PC1_USART0_TX
PA5_SPI0_MISO
PD0_AIN0_TCE0_WO0
PC2_USART0_RX
VCC_TARGET
PA6_SPI0_SCK
PD7_AIN7
PD7_AIN7
PA7_SPI0_SS
PD6_AIN6
PC1_USART0_TX
PF4
PC2_USART0_RX
PF3
PC3
PF2
PC0
PF1
PF0
PF6_RESET_SW0
PF5_LED0_DBG1
GND
GND
32KHz Cr ystal
USER LED
USER BUTTON
TARGET BULK
1k
R103
J110
J109
VCC_EDGE
VCC_TARGET
Yellow LED
D100
220k
R100
N.M
J111
32.768kHz
VMK3-9001-32K7680000TR
Y100
N.M
2.2uF
C103
6.8pF
C105
N.M
GND
GND
GND
5.6pF
C104
N.M
TACT SPST
SW100
1k
R104
GND
WARNING! Make sure to
cut J106 before using high
voltage programming, to
avoid damage in debug
section.
NOTE on I2C:
No pull-ups on board. Pull-ups must be
mounted close to client device(s).
NOTE on UART/CDC:
RX/TX on the header denotes the
input/output direction of the signal
respective to it's source.
CDC TX is output from the DEBUGGER.
CDC RX is input to the DEBUGGER.
TX is output from the TARGET device.
RX is input to the TARGET device.
NOTE on Crystal:
The crystal is optional and not populated
by default
"32KHz"
"SW0"
"PF6"
"LED0"
"PF5"
"AVR16EB32"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com