Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 17 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 17 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 13Page - Microchip Technology AVR16EB32 Datasheet HTML 14Page - Microchip Technology AVR16EB32 Datasheet HTML 15Page - Microchip Technology AVR16EB32 Datasheet HTML 16Page - Microchip Technology AVR16EB32 Datasheet HTML 17Page - Microchip Technology AVR16EB32 Datasheet HTML 18Page - Microchip Technology AVR16EB32 Datasheet HTML 19Page - Microchip Technology AVR16EB32 Datasheet HTML 20Page - Microchip Technology AVR16EB32 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 17
before sending the break, which is also in line with expected break character usage: For example,
reset a receiver state-machine after a timeout occurs waiting for returning data to the host.
• The CDC specification allows for debugger-timed breaks of up to 65534 ms in duration to be
requested. For simplicity, the debugger will limit the break duration to a maximum of 11 bit-
durations at its minimum supported baud rate.
• The CDC specification allows for indefinite host-timed breaks. It is the responsibility of the
terminal application/user to release the break state in this case.
Note:  Sending break characters is available in debugger firmware version 1.24 and later.
3.5
Mass Storage Device
The on-board debugger includes a simple Mass Storage Device implementation, which is accessible
for read/write operations via the host operating system to which it is connected.
It provides:
• Read access to basic text and HTML files for detailed kit information and support
• Write access for programming Intel® HEX formatted files into the target device’s memory
• Write access for simple text files for utility purposes
3.5.1
Mass Storage Device Implementation
The on-board debugger implements a highly optimized variant of the FAT12 file system with several
limitations, partly due to the nature of FAT12 itself and optimizations made to fulfill its purpose for
its embedded application.
The Curiosity Nano USB device is USB Chapter 9-compliant as a mass storage device but does
not, in any way, fulfill the expectations of a general purpose mass storage device. This behavior is
intentional.
When using the Windows operating system, the on-board debugger enumerates as a Curiosity Nano
USB Device found in the disk drives section of the device manager. The CURIOSITY drive appears in
the file manager and claims the following available drive letter in the system.
The CURIOSITY drive contains approximately one MB of free space and does not reflect the target
device’s Flash size. When programming an Intel HEX file, the binary data are encoded in ASCII with
metadata providing a vast overhead, so 1 MB is a trivially chosen value for disk size.
It is not possible to format the CURIOSITY drive. The filename may appear in the disk directory listing
when programming a file to the target, which is merely the operating system’s view of the directory
that, in reality, has not been updated. It is not possible to read out the file contents. Removing and
replugging the board will return the file system to its original state, but the target will still contain
the previously programmed application.
Copy a text file starting with “CMD:ERASE” onto the disk to erase the target device.
By default, the CURIOSITY drive contains several read-only files for generating icons as well as
reporting status and linking to further information:
• AUTORUN.ICO – icon file for the Microchip logo
• AUTORUN.INF – system file required for Windows Explorer to show the icon file
• KIT-INFO.HTM – redirect to the development board website
• KIT-INFO.TXT – a text file containing details about the board’s debugger firmware version,
board name, USB serial number, device, and drag-and-drop support
• STATUS.TXT – a text file containing the programming status of the board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com