Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 14 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 14 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 10Page - Microchip Technology AVR16EB32 Datasheet HTML 11Page - Microchip Technology AVR16EB32 Datasheet HTML 12Page - Microchip Technology AVR16EB32 Datasheet HTML 13Page - Microchip Technology AVR16EB32 Datasheet HTML 14Page - Microchip Technology AVR16EB32 Datasheet HTML 15Page - Microchip Technology AVR16EB32 Datasheet HTML 16Page - Microchip Technology AVR16EB32 Datasheet HTML 17Page - Microchip Technology AVR16EB32 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 14
Figure 3-2. CDC Connection
Debugger
CDC TX
CDC RX
Target MCU
USB
PC
Terminal
So ware
Terminal
Send
Terminal
Receive
Target
Receive
Target
Send
UART RX
UART TX
USB
Info: The debugger’s CDC TX pin is connected to a UART RX pin on the target
for receiving characters from the host computer, as shown in the figure above.
Similarly, the debugger’s CDC RX pin is connected to a UART TX pin on the target
for transmitting characters to the host computer.
3.4.2
Operating System Support
On Windows® machines, the CDC will enumerate as
Curiosity Virtual COM Port and appear in the
Ports section of the Windows Device Manager. The COM port number can also be found there.
Info: On older Windows systems, the CDC requires a USB driver. The MPLAB X
IDE installation include this driver.
On Linux® machines, the CDC will enumerate and appear as /dev/ttyACM#.
Info: tty* devices belong to the “dialout” group in Linux, so it may be necessary to
become a member of that group to have permission to access the CDC.
On Mac® machines, the CDC will enumerate and appear as /dev/tty.usbmodem#. Depending on
the terminal program used, it will appear in the available list of modems as usbmodem#.
Info: For all operating systems, use a terminal emulator that supports DTR
signaling. See Signaling.
3.4.3
Limitations
Not all UART features are implemented in the on-board debugger CDC. The constraints are outlined
here:
• Baud rate: Must be in the range of 1200 bps to 500 kbps. Any baud rate outside this range will
be set to the closest limit without warning. Baud rate can be changed on-the-fly.
• Character format: Only 8-bit characters are supported.
• Parity: Can be odd, even, or none.
• Hardware flow control: Not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com