Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 45 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 41Page - STMicroelectronics IIS2DULPX Datasheet HTML 42Page - STMicroelectronics IIS2DULPX Datasheet HTML 43Page - STMicroelectronics IIS2DULPX Datasheet HTML 44Page - STMicroelectronics IIS2DULPX Datasheet HTML 45Page - STMicroelectronics IIS2DULPX Datasheet HTML 46Page - STMicroelectronics IIS2DULPX Datasheet HTML 47Page - STMicroelectronics IIS2DULPX Datasheet HTML 48Page - STMicroelectronics IIS2DULPX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
Table 39. Bandwidth selection (low-power mode with ODR < 50 Hz)
ODR [Hz]
BW[1:0]
BW [Hz]
6
00
-
01
-
10
-
11
3
12.5
00
-
01
-
10
6
11
3
25
00
-
01
12.5
10
6
11
3
Table 40. Full-scale selection
FS1
FS0
Full scale
0
0
±2 g
0
1
±4 g
1
0
±8 g
1
1
±16 g
IIS2DULPX
Register description
DS14580 - Rev 1
page 45/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com