Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 10 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 6Page - STMicroelectronics IIS2DULPX Datasheet HTML 7Page - STMicroelectronics IIS2DULPX Datasheet HTML 8Page - STMicroelectronics IIS2DULPX Datasheet HTML 9Page - STMicroelectronics IIS2DULPX Datasheet HTML 10Page - STMicroelectronics IIS2DULPX Datasheet HTML 11Page - STMicroelectronics IIS2DULPX Datasheet HTML 12Page - STMicroelectronics IIS2DULPX Datasheet HTML 13Page - STMicroelectronics IIS2DULPX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
2.4.2
I²C - inter-IC control interface
Subject to general operating conditions for VDD and Top.
Table 7. I²C target timing values
Symbol
Parameter
I²C fast mode(1)(2)
I²C fast mode plus(1)(2)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
400
0
1000
kHz
tw(SCLL) SCL clock low time
1.3
0.5
µs
tw(SCLH) SCL clock high time
0.6
0.285
tsu(SDA)
SDA setup time
100
50
ns
th(SDA)
SDA data hold time
0
0.9
0
µs
th(ST)
START/REPEATED START condition hold time
0.6
0.26
tsu(SR)
REPEATED START condition setup time
0.6
0.26
tsu(SP)
STOP condition setup time
0.6
0.26
tw(SP:SR) Bus free time between STOP and START condition
1.3
0.5
Data valid time
0.9
0.45
Data valid acknowledge time
0.9
0.45
CB
Capacitive load for each bus line
400
550
pF
1. Data based on standard I²C protocol requirement, not tested in production.
2. Data for I²C fast mode and I²C fast mode plus have been validated by characterization, not tested in production.
Figure 5. I²C target timing diagram
tsu(SP)
tw(SCLL)
tsu(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tw(SP:SR)
START
REPEATED
START
START
STOP
SDA
SCL
Note:
Measurement points are done at 0.3·VDDIO and 0.7·VDDIO for both ports.
IIS2DULPX
Mechanical and electrical specifications
DS14580 - Rev 1
page 10/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com