Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 6 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 2Page - STMicroelectronics IIS2DULPX Datasheet HTML 3Page - STMicroelectronics IIS2DULPX Datasheet HTML 4Page - STMicroelectronics IIS2DULPX Datasheet HTML 5Page - STMicroelectronics IIS2DULPX Datasheet HTML 6Page - STMicroelectronics IIS2DULPX Datasheet HTML 7Page - STMicroelectronics IIS2DULPX Datasheet HTML 8Page - STMicroelectronics IIS2DULPX Datasheet HTML 9Page - STMicroelectronics IIS2DULPX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
2.2
Electrical characteristics
@VDD = 1.8 V, T = 25°C unless otherwise noted.
The product is factory calibrated at 1.8 V. The operational power supply range is from 1.62 V to 3.6 V.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.(1)
Typ(2)
Max.(1)
Unit
VDD
Supply voltage
1.62
1.8
3.6
V
VDDIO
I/O pins supply voltage
I²C and SPI interfaces
1.62
3.6
V
MIPI I3C® interface
1.08
3.6
IddHP
Supply current in high-performance mode
FS = ±8 g
ODR = all ODRs
BW = ODR/2 with antialiasing filter
Temperature / AH / Qvar sensor off(3)
9.3
µA
IddLP
Supply current in low-power mode
FS = ±8 g
ODR = 50 Hz,
BW = ODR/2 with antialiasing filter
Temperature / AH / Qvar sensor off(3)
6.5
µA
IddULP Supply current in ultralow-power mode
FS = ±8 g
ODR = 1.6 Hz,
BW = ODR/2
Temperature / AH / Qvar sensor off(3)
3
µA
IddPD
Supply current in deep power-down
12
nA
VIH
Digital high-level input voltage
0.7*VDDIO
V
VIL
Digital low-level input voltage
0.3*VDDIO
V
VOH
Digital high-level output voltage
IOH = 4 mA(4)
VDDIO - 0.2
V
VOL
Digital low-level output voltage
IOL = 4 mA(4)
0.2
V
1. Min/Max values are based on characterization results at 3σ on a limited number of samples, not tested in production and not guaranteed.
2. Typical specifications are not guaranteed.
3. The accelerometer temperature compensation is enabled even if the temperature sensor is disabled.
4. 4 mA is the maximum driving capability, that is, the maximum DC current that can be sourced/sunk by the digital pin in order to guarantee
the correct digital output voltage levels VOH and VOL.
IIS2DULPX
Mechanical and electrical specifications
DS14580 - Rev 1
page 6/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com