Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 16 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 12Page - STMicroelectronics IIS2DULPX Datasheet HTML 13Page - STMicroelectronics IIS2DULPX Datasheet HTML 14Page - STMicroelectronics IIS2DULPX Datasheet HTML 15Page - STMicroelectronics IIS2DULPX Datasheet HTML 16Page - STMicroelectronics IIS2DULPX Datasheet HTML 17Page - STMicroelectronics IIS2DULPX Datasheet HTML 18Page - STMicroelectronics IIS2DULPX Datasheet HTML 19Page - STMicroelectronics IIS2DULPX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
3.5
Interrupt event recognition
The device may be configured to generate interrupt signals coming from an independent inertial wake-up/free-fall
event or from the position of the device itself. The thresholds and timing of this interrupt generator are
programmable by the end user in runtime.
Automatic programmable sleep-to-wake-up and return-to-sleep functions are also available for enhanced power
saving.
The device interrupts signal can behave as:
•
Free-fall: 3-axis underthreshold recognition
•
Wake-up: axis recognition
•
Wake-to-sleep: change of state recognition active-sleep (also known as activity-inactivity)
•
6D and 4D orientation detection: change of position recognition
•
Tap-tap: single/double/triple-tap detection
All these functions are parallel, but during sleep, it is not possible to recognize a tap-tap event. All these signals
can be driven to the two interrupt pins (INT1 and INT2) through registers MD1_CFG (1Fh) and MD2_CFG (20h).
All these functions are enabled by setting the INTERRUPTS_ENABLE bit in register INTERRUPT_CFG (17h) to
1.
It is possible to configure the duration of the interrupt using the LIR bit in INTERRUPT_CFG (17h) as shown in the
following table.
Table 9. Configuration of duration of interrupt
LIR
Interrupt type
0
Level mode
1
Latched mode
•
Interrupt level mode: the interrupt signal goes high when an interrupt event occurs and is reset when the
acceleration data fall below the threshold.
•
Interrupt latched mode: the interrupt signal on the INT1/INT2 pins is the OR of the interrupt flags enabled
through the MD1_CFG (1Fh) and MD2_CFG (20h) registers. Each interrupt flag goes to 1 when an
interrupt event occurs and is reset when the dedicated source register is read. The interrupt generator
block is inhibited 1 ODR after the reset event. It is possible to reset all the interrupt flags simultaneously by
reading the ALL_INT_SRC (24h) register.
3.6
Accelerometer self-test
Self-test mode allows checking the functionality of the sensor without moving it, applying an actuation force to the
sensor, and simulating a definite input acceleration.
The procedures for the positive and negative self-test are described in the device application note AN6059.
3.7
Temperature sensor
The temperature is available in OUT_T_AH_QVAR_L (2Eh), OUT_T_AH_QVAR_H (2Fh) stored as two's
complement data, left-justified in 12-bit mode.
Refer to Table 5. Temperature sensor characteristics for the conversion factor.
IIS2DULPX
Functionality
DS14580 - Rev 1
page 16/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com