Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 41 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 37Page - STMicroelectronics IIS2DULPX Datasheet HTML 38Page - STMicroelectronics IIS2DULPX Datasheet HTML 39Page - STMicroelectronics IIS2DULPX Datasheet HTML 40Page - STMicroelectronics IIS2DULPX Datasheet HTML 41Page - STMicroelectronics IIS2DULPX Datasheet HTML 42Page - STMicroelectronics IIS2DULPX Datasheet HTML 43Page - STMicroelectronics IIS2DULPX Datasheet HTML 44Page - STMicroelectronics IIS2DULPX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
8.5
CTRL1 (10h)
R/W
Table 27. CTRL1 register
SMART_POWER
_EN
INT1_
ON_RES
SW_
RESET
IF_ADD_
INC
DRDY_
PULSED
WU_X_EN
WU_Y_EN
WU_Z_EN
Table 28. CTRL1 register description
SMART_POWER_EN
Enables smart power management when the embedded functions are enabled. Default value: 0
(0: disabled; 1: enabled)
INT1_ON_RES(1)
Enables routing the interrupt signals configured on the INT1 pin to the RES/EXT_CLK pin. This bit is
useful when the analog hub / Qvar feature is enabled and the INT1 and INT2 pins are used to connect
the external analog lines or the electrodes to sense the Qvar signal. Default value: 0
(0: disabled; 1: enabled)
SW_RESET
Software reset resets all CTRL registers to their default values. Default value: 0
(0: disabled; 1: enabled)
This bit is automatically reset to 0 at the end of the procedure.
IF_ADD_INC
The register address is automatically incremented during a multiple-byte access with a serial interface.
(0: disabled;
1: enabled (default))
DRDY_PULSED
Enables pulsed data-ready mode
(0: data-ready latched mode (returns to 0 only after reading over an interface) (default);
1: data-ready pulsed mode (the data-ready pulses are typ. 90 µs long))
WU_X_EN
Enables wake-up event detection status on the X-axis. Default value: 0
(0: disabled; 1: enabled)
WU_Y_EN
Enables wake-up event detection status on the Y-axis. Default value: 0
(0: disabled; 1: enabled)
WU_Z_EN
Enables wake-up event detection status on the Z-axis. Default value: 0
(0: disabled; 1: enabled)
1. When the MIPI I3C® interface is used, this bit must be set to 0.
IIS2DULPX
Register description
DS14580 - Rev 1
page 41/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com