Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 52 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 48Page - STMicroelectronics IIS2DULPX Datasheet HTML 49Page - STMicroelectronics IIS2DULPX Datasheet HTML 50Page - STMicroelectronics IIS2DULPX Datasheet HTML 51Page - STMicroelectronics IIS2DULPX Datasheet HTML 52Page - STMicroelectronics IIS2DULPX Datasheet HTML 53Page - STMicroelectronics IIS2DULPX Datasheet HTML 54Page - STMicroelectronics IIS2DULPX Datasheet HTML 55Page - STMicroelectronics IIS2DULPX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
8.20
TAP_SRC (22h)
R
Table 61. TAP_SRC register
TAP_IA
SINGLE_
TAP_IA
DOUBLE_
TAP_IA
TRIPLE_
TAP_IA
-
-
-
-
Table 62. TAP_SRC register description
TAP_IA
Tap event detection status. Default: 0
(0: tap event not detected; 1: tap event detected)
SINGLE_TAP_IA
Single-tap event status. Default value: 0
(0: single-tap event not detected; 1: single-tap event detected)
DOUBLE_TAP_IA
Double-tap event detection status. Default value: 0
(0: double-tap event not detected; 1: double-tap event detected)
TRIPLE_TAP_IA
Triple-tap event detection status. Default value: 0
(0: triple-tap event not detected; 1: triple-tap event detected)
8.21
SIXD_SRC (23h)
R
Table 63. SIXD_SRC register
-
D6D_IA
ZH
ZL
YH
YL
XH
XL
Table 64. SIXD_SRC register description
D6D_IA
Source of change in 6D/4D orientation. Default value: 0
(0: change orientation not detected; 1: change orientation detected)
ZH
Z-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
ZL
Z-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
YH
Y-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over-threshold) detected)
YL
Y-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
XH
X-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
XL
X-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
IIS2DULPX
Register description
DS14580 - Rev 1
page 52/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com