Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 64 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 64 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 60Page - STMicroelectronics IIS2DULPX Datasheet HTML 61Page - STMicroelectronics IIS2DULPX Datasheet HTML 62Page - STMicroelectronics IIS2DULPX Datasheet HTML 63Page - STMicroelectronics IIS2DULPX Datasheet HTML 64Page - STMicroelectronics IIS2DULPX Datasheet HTML 65Page - STMicroelectronics IIS2DULPX Datasheet HTML 66Page - STMicroelectronics IIS2DULPX Datasheet HTML 67Page - STMicroelectronics IIS2DULPX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
8.53
TAP_CFG5 (74h)
R/W
Table 129. TAP_CFG5 register
TRIPLE_
TAP_EN
DOUBLE_
TAP_EN
SINGLE_
TAP_EN
REBOUND_
T4
REBOUND_
T3
REBOUND_
T2
REBOUND_
T1
REBOUND_
T0
Table 130. TAP_CFG5 register description
TRIPLE_TAP_EN
This bit enables the triple-tap event. Default value: 0
(0: disabled; 1: enabled)
DOUBLE_TAP_EN
This bit enables the double-tap event. Default value: 0
(0: disabled; 1: enabled)
SINGLE_TAP_EN
This bit enables the single-tap event. Default value: 0
(0: disabled; 1: enabled)
REBOUND_T[4:0]
These bits program the number of samples to wait for the rebound to finish. The default value of these
bits is 00000b which means that the rebound logic is disabled. If the REBOUND_T[4:0] bits are set to a
different value, 1LSB corresponds to 2 samples (maximum 62 samples).
8.54
TAP_CFG6 (75h)
R/W
Table 131. TAP_CFG6 register
PRE_STILL_
ST3
PRE_STILL_
ST2
PRE_STILL_
ST1
PRE_STILL_
ST0
PRE_STILL_
N3
PRE_STILL_
N2
PRE_STILL_
N1
PRE_STILL_
N0
Table 132. TAP_CFG6 register description
PRE_STILL_ST[3:0]
Selection of starting sample for stationary condition before shock (from the oldest sample in a buffer of
14 samples). 1 LSB = 1 sample (0: 1st sample, 13: 14th sample, maximum value is 13)
PRE_STILL_N[3:0]
Selection of number of samples for stationary condition before shock. 1 LSB = 1 sample (maximum 14
samples). If this field is set to 0, the stationary condition before shock is disabled.
IIS2DULPX
Register description
DS14580 - Rev 1
page 64/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com