Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 23 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 19Page - STMicroelectronics IIS2DULPX Datasheet HTML 20Page - STMicroelectronics IIS2DULPX Datasheet HTML 21Page - STMicroelectronics IIS2DULPX Datasheet HTML 22Page - STMicroelectronics IIS2DULPX Datasheet HTML 23Page - STMicroelectronics IIS2DULPX Datasheet HTML 24Page - STMicroelectronics IIS2DULPX Datasheet HTML 25Page - STMicroelectronics IIS2DULPX Datasheet HTML 26Page - STMicroelectronics IIS2DULPX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
5.2
Activity/inactivity, stationary/motion detection functions
The activity/inactivity function recognizes the device’s sleep state and allows reducing system power
consumption.
When the activity/inactivity function is activated by setting the SLEEP_ON bit in WAKE_UP_THS (1Ch), the
device automatically goes to the inactivity output data rate selected by the INACT_ODR[1:0] bits in register
CTRL4 (13h).
With this feature the system may be efficiently switched from low-power mode to full performance depending on
user-selectable positioning and acceleration events, thus ensuring power saving and flexibility.
The stationary/motion detection function only recognizes the device’s sleep state.
When the stationary/motion detection function is activated by setting to a stationary condition the
INACT_ODR[1:0] bits in register CTRL4 (13h), the device detects acceleration below a fixed threshold but does
not change the ODR after sleep state detection.
The activity/inactivity recognition and stationary/motion detection functions are activated by writing the desired
threshold in the WAKE_UP_THS (1Ch) register. The high-pass filter is automatically enabled.
If the device is in sleep (inactivity/stationary) mode, when at least one of the axes exceeds the threshold in
WAKE_UP_THS (1Ch), the device goes into a sleep-to-wake state (as wake-up).
For the activity/inactivity function, the device, in a wake-up state, returns to the ODR before sleep state detection.
Activity/inactivity, stationary/motion detection threshold and duration can be configured in the following control
registers:
WAKE_UP_THS (1Ch)
WAKE_UP_DUR (1Dh)
IIS2DULPX
Digital main blocks and embedded low-power features
DS14580 - Rev 1
page 23/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com