Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 80 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 80 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 76Page - STMicroelectronics IIS2DULPX Datasheet HTML 77Page - STMicroelectronics IIS2DULPX Datasheet HTML 78Page - STMicroelectronics IIS2DULPX Datasheet HTML 79Page - STMicroelectronics IIS2DULPX Datasheet HTML 80Page - STMicroelectronics IIS2DULPX Datasheet HTML 81Page - STMicroelectronics IIS2DULPX Datasheet HTML 82Page - STMicroelectronics IIS2DULPX Datasheet HTML 83Page - STMicroelectronics IIS2DULPX Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 106 page
background image
10.23
FSM_OUTS3 (22h)
FSM3 output register (R)
Table 182. FSM_OUTS3 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 183. FSM_OUTS3 register description
P_X
FSM3 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM3 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM3 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM3 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM3 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM3 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM3 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM3 output: negative event detected on the vector. (0: event not detected; 1: event detected)
10.24
FSM_OUTS4 (23h)
FSM4 output register (R)
Table 184. FSM_OUTS4 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 185. FSM_OUTS4 register description
P_X
FSM4 output: positive event detected on the X-axis. (0: event not detected; 1: event detected)
N_X
FSM4 output: negative event detected on the X-axis. (0: event not detected; 1: event detected)
P_Y
FSM4 output: positive event detected on the Y-axis. (0: event not detected; 1: event detected)
N_Y
FSM4 output: negative event detected on the Y-axis. (0: event not detected; 1: event detected)
P_Z
FSM4 output: positive event detected on the Z-axis. (0: event not detected; 1: event detected)
N_Z
FSM4 output: negative event detected on the Z-axis. (0: event not detected; 1: event detected)
P_V
FSM4 output: positive event detected on the vector. (0: event not detected; 1: event detected)
N_V
FSM4 output: negative event detected on the vector. (0: event not detected; 1: event detected)
IIS2DULPX
Embedded functions register description
DS14580 - Rev 1
page 80/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com