Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 97 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 93Page - STMicroelectronics IIS2DULPX Datasheet HTML 94Page - STMicroelectronics IIS2DULPX Datasheet HTML 95Page - STMicroelectronics IIS2DULPX Datasheet HTML 96Page - STMicroelectronics IIS2DULPX Datasheet HTML 97Page - STMicroelectronics IIS2DULPX Datasheet HTML 98Page - STMicroelectronics IIS2DULPX Datasheet HTML 99Page - STMicroelectronics IIS2DULPX Datasheet HTML 100Page - STMicroelectronics IIS2DULPX Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
8.13
SIXD (18h) ................................................................... 48
8.14
WAKE_UP_THS (1Ch) ......................................................... 48
8.15
WAKE_UP_DUR (1Dh) ........................................................ 49
8.16
FREE_FALL (1Eh) ............................................................ 49
8.17
MD1_CFG (1Fh) .............................................................. 50
8.18
MD2_CFG (20h) .............................................................. 50
8.19
WAKE_UP_SRC (21h) ......................................................... 51
8.20
TAP_SRC (22h)............................................................... 52
8.21
SIXD_SRC (23h) .............................................................. 52
8.22
ALL_INT_SRC (24h)........................................................... 53
8.23
STATUS (25h) ................................................................ 53
8.24
FIFO_STATUS1 (26h) ......................................................... 54
8.25
FIFO_STATUS2 (27h) ......................................................... 54
8.26
OUT_X_L (28h) ............................................................... 54
8.27
OUT_X_H (29h) .............................................................. 54
8.28
OUT_Y_L (2Ah)............................................................... 55
8.29
OUT_Y_H (2Bh) .............................................................. 55
8.30
OUT_Z_L (2Ch)............................................................... 55
8.31
OUT_Z_H (2Dh) .............................................................. 55
8.32
OUT_T_AH_QVAR_L (2Eh) .................................................... 56
8.33
OUT_T_AH_QVAR_H (2Fh) .................................................... 56
8.34
AH_QVAR_CFG (31h) ......................................................... 56
8.35
SELF_TEST (32h)............................................................. 57
8.36
I3C_IF_CTRL (33h) ........................................................... 57
8.37
EMB_FUNC_STATUS_MAINPAGE (34h) ......................................... 57
8.38
FSM_STATUS_MAINPAGE (35h)................................................ 58
8.39
MLC_STATUS_MAINPAGE (36h)................................................ 58
8.40
SLEEP (3Dh) ................................................................. 58
8.41
EN_DEVICE_CONFIG (3Eh).................................................... 59
8.42
FUNC_CFG_ACCESS (3Fh).................................................... 59
8.43
FIFO_DATA_OUT_TAG (40h) ................................................... 59
8.44
FIFO_DATA_OUT_X_L (41h) and FIFO_DATA_OUT_X_H (42h)...................... 60
8.45
FIFO_DATA_OUT_Y_L (43h) and FIFO_DATA_OUT_Y_H (44h)...................... 60
8.46
FIFO_DATA_OUT_Z_L (45h) and FIFO_DATA_OUT_Z_H (46h) ...................... 61
8.47
FIFO_BATCH_DEC (47h) ...................................................... 61
8.48
TAP_CFG0 (6Fh) ............................................................. 62
IIS2DULPX
Contents
DS14580 - Rev 1
page 97/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com