Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 92 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 88Page - STMicroelectronics IIS2DULPX Datasheet HTML 89Page - STMicroelectronics IIS2DULPX Datasheet HTML 90Page - STMicroelectronics IIS2DULPX Datasheet HTML 91Page - STMicroelectronics IIS2DULPX Datasheet HTML 92Page - STMicroelectronics IIS2DULPX Datasheet HTML 93Page - STMicroelectronics IIS2DULPX Datasheet HTML 94Page - STMicroelectronics IIS2DULPX Datasheet HTML 95Page - STMicroelectronics IIS2DULPX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
12.1.7
T_AH_QVAR_SENSITIVITY_L (B6h) and T_AH_QVAR_SENSITIVITY_H (B7h)
Temperature / analog hub /Qvar sensor sensitivity value register (R/W)
This sensitivity value is also applied to the data processed in the finite state machine (FSM) and machine learning
core (MLC) blocks.
This register corresponds to the conversion value of the embedded temperature (or analog hub / Qvar) sensor.
The register value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5
exponent bits; F: 10 fraction bits).
By default it contains the sensitivity of the temperature sensor; when the analog hub / Qvar is enabled, the user
needs to modify the sensitivity accordingly.
The default value of T_AH_QVAR_S_[15:0] is 0x19D1 (when using the embedded temperature sensor, this value
corresponds to 0.045°C/LSB with 12-bit resolution).
Table 234. T_AH_QVAR_SENSITIVITY_L register
T_AH_QVAR
_S_7
T_AH_QVAR
_S_6
T_AH_QVAR
_S_5
T_AH_QVAR
_S_4
T_AH_QVAR
_S_3
T_AH_QVAR
_S_2
T_AH_QVAR
_S_1
T_AH_QVAR
_S_0
Table 235. T_AH_QVAR_SENSITIVITY_L register description
T_AH_QVAR_S_[7:0]
Temperature / analog hub / Qvar sensor sensitivity (LSbyte). Default value: 11010001
Table 236. T_AH_QVAR_SENSITIVITY_H register
T_AH_QVAR
_S_15
T_AH_QVAR
_S_14
T_AH_QVAR
_S_13
T_AH_QVAR
_S_12
T_AH_QVAR
_S_11
T_AH_QVAR
_S_10
T_AH_QVAR
_S_9
T_AH_QVAR
_S_8
Table 237. T_AH_QVAR_SENSITIVITY_H register description
T_AH_QVAR_S_[15:8]
Temperature / analog hub / Qvar sensor sensitivity (MSbyte). Default value: 00011001
12.1.8
SMART_POWER_CTRL (D2h)
Smart power management configuration register (R/W)
Table 238. SMART_POWER_CTRL register
SMART_POWER
_CTRL_DUR3
SMART_POWER
_CTRL_DUR2
SMART_POWER
_CTRL_DUR1
SMART_POWER
_CTRL_DUR0
SMART_POWER
_CTRL_WIN3
SMART_POWER
_CTRL_WIN2
SMART_POWER
_CTRL_WIN1
SMART_POWER
_CTRL_WIN0
Table 239. SMART_POWER_CTRL register description
SMART_POWER_CTRL_DUR[3:0]
Setting of the value of the duration threshold for the smart power management feature.
The actual value is the value of the ODR time multiplied by
SMART_POWER_CTRL_DUR[3:0] / 16.
SMART_POWER_CTRL_WIN[3:0]
Setting of the number of consecutive windows during which the smart power
management feature is evaluated. The actual number is
SMART_POWER_CTRL_WIN[3:0] * 16.
IIS2DULPX
Embedded advanced features register description
DS14580 - Rev 1
page 92/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com