Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 96 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 96 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 92Page - STMicroelectronics IIS2DULPX Datasheet HTML 93Page - STMicroelectronics IIS2DULPX Datasheet HTML 94Page - STMicroelectronics IIS2DULPX Datasheet HTML 95Page - STMicroelectronics IIS2DULPX Datasheet HTML 96Page - STMicroelectronics IIS2DULPX Datasheet HTML 97Page - STMicroelectronics IIS2DULPX Datasheet HTML 98Page - STMicroelectronics IIS2DULPX Datasheet HTML 99Page - STMicroelectronics IIS2DULPX Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 106 page
background image
5.1.6
Bypass-to-FIFO......................................................... 22
5.1.7
FIFO reading procedure .................................................. 22
5.1.8
FIFO empty condition .................................................... 22
5.2
Activity/inactivity, stationary/motion detection functions .............................. 23
5.3
Pedometer functions: step detector and step counters .............................. 24
5.4
Pedometer algorithm .......................................................... 24
5.5
Tilt detection.................................................................. 25
5.6
Significant motion detection ..................................................... 25
5.7
Finite state machine ........................................................... 26
5.8
Machine learning core ......................................................... 27
5.9
Adaptive self-configuration (ASC) ................................................ 27
6
Digital interfaces .................................................................28
6.1
I²C serial interface ............................................................. 28
6.1.1
I²C operation ........................................................... 29
6.2
SPI bus interface .............................................................. 30
6.2.1
SPI read .............................................................. 31
6.2.2
SPI write .............................................................. 32
6.2.3
SPI read in 3-wire mode .................................................. 33
6.3
MIPI I3C® interface ............................................................ 34
6.3.1
MIPI I3C® target interface ................................................. 34
6.3.2
MIPI I3C® CCC supported commands ....................................... 35
6.3.3
Antispike filter management on mixed I²C/MIPI I3C® bus ......................... 36
7
Register mapping.................................................................37
8
Register description ..............................................................39
8.1
EXT_CLK_CFG (08h).......................................................... 39
8.2
PIN_CTRL (0Ch) .............................................................. 39
8.3
WAKE_UP_DUR_EXT (0Eh).................................................... 40
8.4
WHO_AM_I (0Fh) ............................................................. 40
8.5
CTRL1 (10h) ................................................................. 41
8.6
CTRL2 (11h) ................................................................. 42
8.7
CTRL3 (12h) ................................................................. 42
8.8
CTRL4 (13h) ................................................................. 43
8.9
CTRL5 (14h) ................................................................. 44
8.10
FIFO_CTRL (15h) ............................................................. 46
8.11
FIFO_WTM (16h) ............................................................. 47
8.12
INTERRUPT_CFG (17h) ....................................................... 47
IIS2DULPX
Contents
DS14580 - Rev 1
page 96/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com