Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 30 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 26Page - STMicroelectronics IIS2DULPX Datasheet HTML 27Page - STMicroelectronics IIS2DULPX Datasheet HTML 28Page - STMicroelectronics IIS2DULPX Datasheet HTML 29Page - STMicroelectronics IIS2DULPX Datasheet HTML 30Page - STMicroelectronics IIS2DULPX Datasheet HTML 31Page - STMicroelectronics IIS2DULPX Datasheet HTML 32Page - STMicroelectronics IIS2DULPX Datasheet HTML 33Page - STMicroelectronics IIS2DULPX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 106 page
background image
Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number of bytes transferred
per transfer is unlimited. Data is transferred with the most significant bit (MSb) first. If a target receiver doesn’t
acknowledge the target address (that is, it is not able to receive because it is performing some real-time function)
the data line must be left high by the target. The controller can then abort the transfer. A low to high transition on
the SDA line while the SCL line is high is defined as a stop condition. Each data transfer must be terminated by
the generation of a stop (SP) condition.
In the presented communication format CAK is controller acknowledge and NCAK is no controller acknowledge.
6.2
SPI bus interface
The IIS2DULPX SPI is a bus target. The SPI allows writing to and reading from the registers of the device.
The serial interface interacts with the application using four wires: CS, SPC, SDI, and SDO.
Figure 14. Read and write protocol
CS
SPC
SDI
SDO
RW
AD5 AD4 AD3 AD2 AD1 AD0
DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
AD6
CS enables the serial port and it is controlled by the SPI controller. It goes low at the start of the transmission and
goes back high at the end. SPC is the serial port clock and it is controlled by the SPI controller. It is stopped high
when CS is high (no transmission). SDI and SDO are respectively the serial port data input and output. Those
lines are driven at the falling edge of SPC and should be captured at the rising edge of SPC.
Both the read register and write register commands are completed in 16 clock pulses or in multiples of 8 in the
case of multiple read/write bytes. Bit duration is the time between the two falling edges of SPC. The first bit (bit 0)
starts at the first falling edge of SPC after the falling edge of CS while the last bit (bit 15, bit 23, ...) starts at the
last falling edge of SPC just before the rising edge of CS.
bit 0: RW bit. When 0, the data DI(7:0) is written into the device. When 1, the data DO(7:0) from the device is
read. In the latter case, the chip drives SDO at the start of bit 8.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written into the device (MSb first).
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
In multiple read/write commands additional blocks of 8 clock periods are added. When the CTRL1 (10h)
(IF_ADD_INC) bit is 0, the address used to read/write data remains the same for every block. When the CTRL1
(10h) (IF_ADD_INC) bit is 1, the address used to read/write data is increased at every block.
The function and the behavior of SDI and SDO remain unchanged.
IIS2DULPX
Digital interfaces
DS14580 - Rev 1
page 30/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com