Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 88 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 88 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 84Page - STMicroelectronics IIS2DULPX Datasheet HTML 85Page - STMicroelectronics IIS2DULPX Datasheet HTML 86Page - STMicroelectronics IIS2DULPX Datasheet HTML 87Page - STMicroelectronics IIS2DULPX Datasheet HTML 88Page - STMicroelectronics IIS2DULPX Datasheet HTML 89Page - STMicroelectronics IIS2DULPX Datasheet HTML 90Page - STMicroelectronics IIS2DULPX Datasheet HTML 91Page - STMicroelectronics IIS2DULPX Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 106 page
background image
Read procedure example: read value of register at address 5Eh (PEDO_DEB_STEPS_CONF) in Page 0
1. Write bit EMB_FUNC_REG_ACCESS = 1 in FUNC_CFG_ACCESS (3Fh) // Enable access to embedded functions
registers
2. Write bit PAGE_READ = 1 in PAGE_RW (17h) register
// Select read operation mode
3. Write 0000 in PAGE_SEL[3:0] field of register PAGE_SEL (02h)
// Select page 0
4. Write 5Eh in PAGE_ADDRESS (08h) register
// Set address
5. Read value of PAGE_VALUE (09h) register
// Get register value
6. Write bit PAGE_READ = 0 in PAGE_RW (17h) register
// Read operation disabled
7. Write bit EMB_FUNC_REG_ACCESS = 0 in FUNC_CFG_ACCESS (3Fh) // Disable access to embedded functions
registers
Note:
Steps 1 and 2 of both procedures are intended to be performed at the beginning of the procedure. Steps 6 and 7
of both procedures are intended to be performed at the end of the procedure. If the procedure involves multiple
operations, only steps 3, 4 and 5 must be repeated for each operation. If, in particular, the multiple operations
involve consecutive registers, only step 5 can be performed.
IIS2DULPX
Embedded advanced features pages
DS14580 - Rev 1
page 88/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com