Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 29 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 25Page - STMicroelectronics IIS2DULPX Datasheet HTML 26Page - STMicroelectronics IIS2DULPX Datasheet HTML 27Page - STMicroelectronics IIS2DULPX Datasheet HTML 28Page - STMicroelectronics IIS2DULPX Datasheet HTML 29Page - STMicroelectronics IIS2DULPX Datasheet HTML 30Page - STMicroelectronics IIS2DULPX Datasheet HTML 31Page - STMicroelectronics IIS2DULPX Datasheet HTML 32Page - STMicroelectronics IIS2DULPX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
6.1.1
I²C operation
The transaction on the bus is started through a start (ST) signal. A start condition is defined as a high to low
transition on the data line while the SCL line is held high. After this has been transmitted by the controller, the bus
is considered busy. The next byte of data transmitted after the start condition contains the address of the target in
the first 7 bits and the eighth bit tells whether the controller is receiving data from the target or transmitting data to
the target. When an address is sent, each device in the system compares the first seven bits after a start
condition with its address. If they match, the device considers itself addressed by the controller.
The target address (TAD) associated to the IIS2DULPX is 001100xb where the x bit is modified by the TA0/SDO
pin in order to modify the device address. If the TA0/SDO pin is connected to the supply voltage, the address is
0011001b, otherwise if the TA0/SDO pin is connected to ground, the address is 0011000b. This solution permits
to connect and address two different accelerometers to the same I²C lines.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line low so that it remains stable low during the high period of the
acknowledge clock pulse. A receiver which has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the IIS2DULPX behaves like a target device and the following protocol must be adhered
to. After the start condition (ST) a target address is sent. Once a target acknowledge (TAK) has been returned, an
8-bit subaddress (SUB) is transmitted: the 7 LSb represents the actual register address while the CTRL1 (10h)
(IF_ADD_INC) bit defines the address increment.
The target address is completed with a read/write bit. If the bit is 1 (read), a repeated start (SR) condition must be
issued after the two subaddress bytes. If the bit is 0 (write) the controller transmits to the target with direction
unchanged. Table 13 explains how the TAD+read/write bit pattern is composed, listing all the possible
configurations.
Table 13. TAD+read/write patterns
Command
TAD[6:1]
TAD[0] = TA0
R/W
TAD+R/W
Read
001100
0
1
00110001 (31h)
Write
001100
0
0
00110000 (30h)
Read
001100
1
1
00110011 (33h)
Write
001100
1
0
00110010 (32h)
Table 14. Transfer when controller is writing one byte to target
Controller
ST
TAD+W
SUB
DATA
SP
Target
TAK
TAK
TAK
Table 15. Transfer when controller is writing multiple bytes to target
Controller
ST
TAD+W
SUB
DATA
DATA
SP
Target
TAK
TAK
TAK
TAK
Table 16. Transfer when controller is receiving (reading) one byte of data from target
Controller
ST
TAD+W
SUB
SR
TAD+R
NCAK
SP
Target
TAK
TAK
TAK
DATA
Table 17. Transfer when controller is receiving (reading) multiple bytes of data from target
Controller
ST
TAD+W
SUB
SR
TAD+R
CAK
CAK
NCAK
SP
Target
TAK
TAK
TAK
DATA
DATA
DATA
IIS2DULPX
Digital interfaces
DS14580 - Rev 1
page 29/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com