Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 53 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 49Page - STMicroelectronics IIS2DULPX Datasheet HTML 50Page - STMicroelectronics IIS2DULPX Datasheet HTML 51Page - STMicroelectronics IIS2DULPX Datasheet HTML 52Page - STMicroelectronics IIS2DULPX Datasheet HTML 53Page - STMicroelectronics IIS2DULPX Datasheet HTML 54Page - STMicroelectronics IIS2DULPX Datasheet HTML 55Page - STMicroelectronics IIS2DULPX Datasheet HTML 56Page - STMicroelectronics IIS2DULPX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
8.22
ALL_INT_SRC (24h)
R
Table 65. ALL_INT_SRC register
-
SLEEP_
CHANGE_IA_ALL
D6D_
IA_ALL
TRIPLE_
TAP_ALL
DOUBLE_
TAP_ALL
SINGLE_
TAP_ALL
WU_IA_
ALL
FF_IA_
ALL
Table 66. ALL_INT_SRC register description
SLEEP_CHANGE_IA_ALL
Detection of change in activity/inactivity status. Default value: 0
(0: change in status not detected; 1: change in status detected)
D6D_IA_ALL
Source of change in 6D/4D orientation. Default value: 0
(0: change in orientation not detected; 1: change in orientation detected)
TRIPLE_TAP_ALL
Triple-tap event status. Default value: 0
(0: event not detected, 1: event detected)
DOUBLE_TAP_ALL
Double-tap event status. Default value: 0
(0: event not detected, 1: event detected)
SINGLE_TAP_ALL
Single-tap event status. Default value: 0
(0: event not detected, 1: event detected)
WU_IA_ALL
Wake-up event status. Default value: 0
(0: event not detected, 1: event detected)
FF_IA_ALL
Free-fall event status. Default value: 0
(0: event not detected, 1: event detected)
8.23
STATUS (25h)
R
Table 67. STATUS register
-
-
INT_GLOBAL
-
-
-
-
DRDY
Table 68. STATUS register description
INT_GLOBAL
This bit is 1 if one of the following events occur:
detection of change in activity/inactivity status
source of change in 6D/4D orientation
single/double/triple-tap event status
wake-up event detection status
free-fall event detection status
sleep event status
DRDY
This bit is 1 when new accelerometer data is available and until the MSB of one of the output registers has
been read.
IIS2DULPX
Register description
DS14580 - Rev 1
page 53/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com