Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 56 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 56 Page - STMicroelectronics

Back Button IIS2DULPX Datasheet HTML 52Page - STMicroelectronics IIS2DULPX Datasheet HTML 53Page - STMicroelectronics IIS2DULPX Datasheet HTML 54Page - STMicroelectronics IIS2DULPX Datasheet HTML 55Page - STMicroelectronics IIS2DULPX Datasheet HTML 56Page - STMicroelectronics IIS2DULPX Datasheet HTML 57Page - STMicroelectronics IIS2DULPX Datasheet HTML 58Page - STMicroelectronics IIS2DULPX Datasheet HTML 59Page - STMicroelectronics IIS2DULPX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
8.32
OUT_T_AH_QVAR_L (2Eh)
R
Table 85. OUT_T_AH_QVAR_L register
OUTT7
OUTT6
OUTT5
OUTT4
OUTT3
OUTT2
OUTT1
OUTT0
Table 86. OUT_T_AH_QVAR_L register description
OUTT[7:0]
LSBs of temperature/AH/Qvar data output. The four least significant bits are always zero since the data is in 12-bit
format.
8.33
OUT_T_AH_QVAR_H (2Fh)
R
Table 87. OUT_T_AH_QVAR_H register
OUTT15
OUTT14
OUTT13
OUTT12
OUTT11
OUTT10
OUTT9
OUTT8
Table 88. OUT_T_AH_QVAR_H register description
OUTT[15:8]
MSBs of temperature/AH/Qvar data output
8.34
AH_QVAR_CFG (31h)
R/W
Table 89. AH_QVAR_CFG register
AH_QVAR_EN
AH_QVAR_
NOTCH_EN
AH_QVAR_
NOTCH_CUTOFF
AH_QVAR_
C_ZIN_1
AH_QVAR_
C_ZIN_0
AH_QVAR_
GAIN_1
AH_QVAR_
GAIN_0
-
Table 90. AH_QVAR_CFG register description
AH_QVAR_EN
Enables the analog hub and Qvar chain. When this bit is set to 1, the analog hub and Qvar buffers are
connected to the INT1 and INT2 pins. Default value: 0
(0: disabled; 1: enabled)
AH_QVAR_NOTCH_EN
Enables notch filter in the analog hub / Qvar reading chain (compatible with low-power mode and high-
performance mode only). The cutoff of the filter is selected by the AH_QVAR_NOTCH_CUTOFF bit. Default
value: 0
(0: disabled; 1: enabled)
AH_QVAR_NOTCH_CUTOFF
Selects the cutoff frequency of the notch filter in the analog hub / Qvar reading chain. Default value: 0
(0: 50 Hz;
1: 60 Hz)
AH_QVAR_C_ZIN_[1:0]
Configures the equivalent input impedance of the analog hub and Qvar buffers:
(00: 1100 MΩ;
01: 570 MΩ;
10: 380 MΩ;
11: 90 MΩ)
AH_QVAR_GAIN_[1:0]
Analog hub / Qvar input output gain:
(00: 0.5;
01: 1;
10: 2;
11: 4)
IIS2DULPX
Register description
DS14580 - Rev 1
page 56/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com