Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IIS2DULPX Datasheet(PDF) 4 Page - STMicroelectronics

Part # IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Datasheet(HTML) 4 Page - STMicroelectronics

  IIS2DULPX Datasheet HTML 1Page - STMicroelectronics IIS2DULPX Datasheet HTML 2Page - STMicroelectronics IIS2DULPX Datasheet HTML 3Page - STMicroelectronics IIS2DULPX Datasheet HTML 4Page - STMicroelectronics IIS2DULPX Datasheet HTML 5Page - STMicroelectronics IIS2DULPX Datasheet HTML 6Page - STMicroelectronics IIS2DULPX Datasheet HTML 7Page - STMicroelectronics IIS2DULPX Datasheet HTML 8Page - STMicroelectronics IIS2DULPX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
1.2
Pin description
Figure 2. Pin connections
1
9
8
7
2
3
4
6
5
11
12
10
GND
RES/EXT_CLK
SCL/SPC
CS
SDO/TA0
SDA/SDI/SDO
(TOPVIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
X
Z
VDD
(BOTTOM VIEW)
VDDIO
Table 1. Pin description
Pin#
Name
Function
1
SCL
SPC
I²C/MIPI I3C® serial clock (SCL)
SPI serial port clock (SPC)
2(1)
CS
SPI/I²C/MIPI I3C® mode selection
(1: SPI idle mode / I²C/MIPI I3C® enabled;
0: SPI enabled / I²C/MIPI I3C® disabled)
3(2)
SDO
TA0
SPI serial data output (SDO)
I²C less significant bit of the device address (TA0)
4(2)
SDA
SDI
SDO
I²C/MIPI I3C® serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
NC
Internally not connected. Can be tied to VDD, VDDIO, or GND.
6
GND
0 V supply
7
RES/EXT_CLK
Connect to GND if not used as interrupt pin 1(3) or as
External clock for the synchronization of multiple sensors(4)
8
GND
0 V supply
9
VDD
Power supply
10
VDDIO
Power supply for I/O pins
11(5)
INT2
Interrupt pin 2. Clock input when selected in one-shot mode. AH input 2 (or Qvar electrode 2) is connected if the analog hub (or Qvar functionality) is
enabled.
12(5)
INT1
Interrupt pin 1. AH input 1 (or Qvar electrode 1) is connected if the analog hub (or Qvar functionality) is enabled.
1. The CS pin is internally pulled up by default. The pull-up of the CS pin can be disconnected by setting the bit CS_PU_DIS of register
PIN_CTRL (0Ch) to 1.
2. The internal pull-up of the SDO/TA0 and SDA/SDI/SDO pins is disconnected by default. The pull-up of the SDO/TA0 pin can be enabled by
setting bit SDO_PU_EN of register PIN_CTRL (0Ch) to 1. The pull-up of the SDA/SDI/SDO pin can be enabled by setting bit SDA_PU_EN
of register PIN_CTRL (0Ch) to 1.
3. When the INT1_ON_RES bit of register CTRL1 (10h) is set to 1, the interrupt signals configured on the INT1 pin are routed to the
RES/EXT_CLK pin.
4. When the external clock for the synchronization of multiple sensors is used, the EXT_CLK_EN bit must be set to 1 in register
EXT_CLK_CFG (08h) and the bit INT1_ON_RES set to 0 in register CTRL1 (10h) in order to correctly drive the pin.
5. The INT1 and INT2 pins are internally pulled down by default. The internal pull-down of the INT1 pin can be disconnected by setting the
PD_DIS_INT1 bit in PIN_CTRL (0Ch) to 1. The internal pull-down of the INT2 pin can be disconnected by setting the PD_DIS_INT2 bit in
PIN_CTRL (0Ch) to 1.
IIS2DULPX
Block diagram and pin description
DS14580 - Rev 1
page 4/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com