Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1721 Datasheet(PDF) 6 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 2Page - Microchip Technology PAC1721 Datasheet HTML 3Page - Microchip Technology PAC1721 Datasheet HTML 4Page - Microchip Technology PAC1721 Datasheet HTML 5Page - Microchip Technology PAC1721 Datasheet HTML 6Page - Microchip Technology PAC1721 Datasheet HTML 7Page - Microchip Technology PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology PAC1721 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
PAC1721
DS-20007088A-page 6
 2026 Microchip Technology Inc. and its subsidiaries
I2C/SMBus Timing (continued)
Setup Time: Stop
tSU:STO
0.26
—
—
µs
Fast-mode Plus, Note 1
0.16
—
—
µs
High-speed Mode, Note 1
Setup Time: Start
tSU:STA
0.26
—
—
µs
Fast-mode Plus, Note 1
0.16
—
—
µs
High-speed Mode, Note 1
Data Hold Time
tHD:DAT
0
—
—
ns
Fast-mode Plus, Note 1
0
—
70
ns
High-speed Mode, Note 1
Data Setup Time
tSU:DAT
50
—
—
ns
Fast-mode Plus, Note 1
10
—
—
ns
High-speed Mode, Note 1
Clock Low Period
tLOW
0.5
—
—
µs
Fast-mode Plus, Note 1
0.16
—
—
µs
High-speed Mode, Note 1
Clock High Period
tHIGH
0.26
—
50
ns
Fast-mode Plus, Note 2
0.06
—
50
ns
High-speed Mode, Note 2
Clock/Data Fall Time
tFALL
12
—
120
ns
Fast-mode Plus, Note 2
Clock/Data Rise Time
tRISE
—
—
120
ns
Fast-mode Plus, Note 2
Clock Fall Time
tFCL
10
—
40
ns
High-speed Mode, Note 2
Clock Rise Time
tRCL
10
—
40
ns
High-speed Mode, Note 2
Data Fall Time
tFDA
10
—
80
ns
High-speed Mode, Note 2
Data Rise Time
tRDA
10
—
80
ns
High-speed Mode, Note 2
Capacitive Load
CLOAD
—
—
550
pF
Per Bus line, Fast-mode Plus
—
—
100
pF
Per Bus line, High-speed Mode
Pin SLOW Pulse Width
tSLOW_PW
100
—
—
µs
Pulses shorter than 100 µs can remain
undetected
1.4
Temperature Specifications
Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = 2.7V to 5.5V, VI/O = 1.62V to 5.5V,
VBUS = 0V to 9V and VSENSE = VSENSE+ – VSENSE– = 0V. Typical values are at VDD = 3.3V, VI/O = 3.3V and VBUS = 9V.
Parameters
Symbol
Min.
Typical
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TSTG
-55
—
+150
°C
Thermal Package Resistances
Junction to Ambient, 8-Lead VDFN
JA
—
97.934
—
°C/W
Junction to Ambient, 8-Lead VDFN
JB
—
40.891
—
°C/W
Junction to Ambient, 8-Lead VDFN
JC
—
67.561
—
°C/W
Junction to Ambient, 10-Lead VDFN
JA
—
73.312
—
°C/W
Junction to Ambient, 10-Lead VDFN
JB
—
21.221
—
°C/W
Junction to Ambient, 10-Lead VDFN
JC
—
68.284
—
°C/W
1.3
AC Electrical Specifications (Continued)
AC Electrical Characteristics: Unless otherwise indicated, maximum values apply at TA = -40°C to +125°C, VDD = 2.7V to 5.5V,
VI/O = 1.62V to 5.5V and VBUS = 0V to 9V. Typical values are at TA = 25°C, VDD = 3.3V, VI/O = 3.3V, VBUS = 9V and
VSENSE = VSENSE+ – VSENSE– = 0V.
Parameters
Symbol
Min.
Typical
Max.
Units
Conditions
Note 1:
In compliance with the SMBus 3.1 standard.
2:
No production testing. Characterization only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com