Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 98Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 99Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 100Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 101Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 102Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 103Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 104Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 105Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 102 of 145
Oct 31, 2025
Connection in the simplified SPI (CSI) communications with devices operating at different voltage levels
Remark 1.
Rb[Ω]: Communication line (SCKp, SOp) pull-up resistance, Cb[F]: Communication line (SCKp, SOp) load capacitance,
Vb[V]: Communication line voltage
Remark 2.
p: CSI number (p = 00, 01, 10, 20, 30, 31), g: PIM and POM number (g = 0 to 9, 12 to 14), m: Unit number,
n: Channel number (mn = 00 to 02, 10, 12, 13)
Remark 3.
fMCK: Serial array unit operation clock frequency
To set this operating clock, use the CKSmn bit in the serial mode register mn (SMRmn) (m: Unit number, n: Channel
number = 00).
Timing of serial transfer in the simplified SPI (CSI) communications in the master mode with devices operating at different
voltage levels when DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1
SCKp
SOp
SCK
SI
SIp
SO
Vb
Rb
<Master>
Vb
Rb
RL78
microcontroller
User device
Input data
SIp
SOp
tKCY1
tKL1
tKH1
tSIK1
tKSI1
tKSO1
Output data
SCKp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com