Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 100Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 101Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 102Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 103Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 104Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 105Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 106Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 107Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 104 of 145
Oct 31, 2025
9. In simplified SPI (CSI) communications in the slave mode with devices operating at different voltage levels (1.8 V,
2.5 V, or 3 V) with the external SCKp clock
(Notes and Caution are listed on the next page, and Remarks are listed on page 106.)
(TA = -40 to +105°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/2)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
SCKp cycle
timeNote 1
tKCY2
4.0 V ≤ VDD ≤ 5.5 V,
2.7 V ≤ Vb ≤ 4.0 V
24 MHz < fMCK
14/fMCK
——
ns
20 MHz < fMCK ≤ 24 MHz 12/fMCK
12/fMCK
—ns
8 MHz < fMCK ≤ 20 MHz
10/fMCK
10/fMCK
—ns
4 MHz < fMCK ≤ 8 MHz
8/fMCK
8/fMCK
—ns
fMCK ≤ 4 MHz
6/fMCK
6/fMCK
10/fMCK
ns
2.7 V ≤ VDD < 4.0 V,
2.3 V ≤ Vb ≤ 2.7 V
24 MHz < fMCK
20/fMCK
——
ns
20 MHz < fMCK ≤ 24 MHz 16/fMCK
16/fMCK
—ns
16 MHz < fMCK ≤ 20 MHz 14/fMCK
14/fMCK
—ns
8 MHz < fMCK ≤ 16 MHz
12/fMCK
12/fMCK
—ns
4 MHz < fMCK ≤ 8 MHz
8/fMCK
8/fMCK
—ns
fMCK ≤ 4 MHz
6/fMCK
6/fMCK
10/fMCK
ns
1.8 V ≤ VDD < 3.3 V,
1.6 V ≤ Vb ≤ 2.0 V
Note 2
24 MHz < fMCK
48/fMCK
——
ns
20 MHz < fMCK ≤ 24 MHz 36/fMCK
36/fMCK
—ns
16 MHz < fMCK ≤ 20 MHz 32/fMCK
32/fMCK
—ns
8 MHz < fMCK ≤ 16 MHz
26/fMCK
26/fMCK
—ns
4 MHz < fMCK ≤ 8 MHz
16/fMCK
16/fMCK
—ns
fMCK ≤ 4 MHz
10/fMCK
10/fMCK
10/fMCK
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com