Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 122Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 123Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 124Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 125Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 126Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 127Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 128Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 129Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 126 of 145
Oct 31, 2025
2.6.8
LCD characteristics
2.6.8.1
External resistance division method
1. Static display mode
2. 1/2 bias method, 1/4 bias method
3. 1/3 bias method
(TA = -40 to +105°C, VL4 (Min.) ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
LCD drive voltage
VL4
2.0
VDD
V
(TA = -40 to +105°C, VL4 (Min.) ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
LCD drive voltage
VL4
2.7
VDD
V
(TA = -40 to +105°C, VL4 (Min.) ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
LCD drive voltage
VL4
2.5
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com