Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 120Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 121Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 122Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 123Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 124Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 125Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 126Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 127Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 124 of 145
Oct 31, 2025
2. LVD1 Detection Voltage of Reset Mode and Interrupt Mode
(TA = -40 to +105°C, VPDR ≤ VDD ≤ 5.5 V, VSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
Detection
voltage
Supply voltage level
VLVD10
The power supply voltage is rising.
4.08
4.16
4.24
V
The power supply voltage is falling.
4.00
4.08
4.16
V
VLVD11
The power supply voltage is rising.
3.88
3.96
4.04
V
The power supply voltage is falling.
3.80
3.88
3.96
V
VLVD12
The power supply voltage is rising.
3.68
3.75
3.82
V
The power supply voltage is falling.
3.60
3.67
3.74
V
VLVD13
The power supply voltage is rising.
3.48
3.55
3.62
V
The power supply voltage is falling.
3.40
3.47
3.54
V
VLVD14
The power supply voltage is rising.
3.28
3.35
3.42
V
The power supply voltage is falling.
3.20
3.27
3.34
V
VLVD15
The power supply voltage is rising.
3.07
3.13
3.19
V
The power supply voltage is falling.
3.00
3.06
3.12
V
VLVD16
The power supply voltage is rising.
2.91
2.97
3.03
V
The power supply voltage is falling.
2.85
2.91
2.97
V
VLVD17
The power supply voltage is rising.
2.76
2.82
2.87
V
The power supply voltage is falling.
2.70
2.76
2.81
V
VLVD18
The power supply voltage is rising.
2.61
2.66
2.71
V
The power supply voltage is falling.
2.55
2.60
2.65
V
VLVD19
The power supply voltage is rising.
2.45
2.50
2.55
V
The power supply voltage is falling.
2.40
2.45
2.50
V
VLVD110
The power supply voltage is rising.
2.35
2.40
2.45
V
The power supply voltage is falling.
2.30
2.35
2.40
V
VLVD111
The power supply voltage is rising.
2.25
2.30
2.34
V
The power supply voltage is falling.
2.20
2.25
2.29
V
VLVD112
The power supply voltage is rising.
2.15
2.20
2.24
V
The power supply voltage is falling.
2.10
2.15
2.19
V
VLVD113
The power supply voltage is rising.
2.05
2.09
2.13
V
The power supply voltage is falling.
2.00
2.04
2.08
V
VLVD114
The power supply voltage is rising.
1.94
1.98
2.02
V
The power supply voltage is falling.
1.90
1.94
1.98
V
VLVD115
The power supply voltage is rising.
1.84
1.88
1.91
V
The power supply voltage is falling.
1.80
1.84
1.87
V
VLVD116
The power supply voltage is rising.
1.74
1.78
1.81
V
The power supply voltage is falling.
1.70
1.74
1.77
V
VLVD117
The power supply voltage is rising.
1.64
1.67
1.70
V
The power supply voltage is falling.
1.60
1.63
1.66
V
Minimum pulse width
tLW
500
µs
Detection delay time
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com