Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 124Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 125Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 126Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 127Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 128Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 129Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 130Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 131Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 128 of 145
Oct 31, 2025
2. 1/3 bias method, VL2 reference (MDSET2 to MDSET0 = 101B, LBAS1 to LBAS0 = 01B)
Note 1.
C1 to C4 are the capacitors that are to be connected to the LCD drive voltage pins of the MCU.
C1 is to be connected between CAPH and CAPL.
C2 is to be connected between VL1 and GND.
C3 is to be connected between VL2 and GND.
C4 is to be connected between VL4 and GND.
C1 = C2 = C3 = C4 = 0.47 µF ±30%
Note 2.
This is the time required to wait from when the reference voltage is specified by using the VLCD register (or when the
internal voltage boosting method is selected (MDSET2 to MDSET0 = 101B) if the default reference voltage is used) until
voltage boosting starts (VLCON = 1).
Note 3.
This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
(TA = -40 to +105°C, VL2 (Max.) + 0.1 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
Min.
Typ.
Max.
Unit
VL1 output voltage
VL1
C1 to C4Note 1 = 0.47 µF
1/2VL2
-5%
1/2VL2
1/2VL2
V
VL2 output voltage
VL2
C1 to C4Note 1
= 0.47 µF
VLCD4-0 = 04H
1.94
2.02
2.11
V
VLCD4-0 = 05H
2.00
2.09
2.18
V
VLCD4-0 = 06H
2.07
2.16
2.25
V
VLCD4-0 = 07H
2.13
2.22
2.32
V
VLCD4-0 = 08H
2.19
2.29
2.39
V
VLCD4-0 = 09H
2.26
2.36
2.46
V
VLCD4-0 = 0AH
2.32
2.42
2.53
V
VLCD4-0 = 0BH
2.39
2.49
2.59
V
VLCD4-0 = 0CH
2.45
2.56
2.66
V
VLCD4-0 = 0DH
2.51
2.62
2.73
V
VLCD4-0 = 0EH
2.58
2.69
2.80
V
VLCD4-0 = 0FH
2.64
2.76
2.87
V
VLCD4-0 = 10H
2.70
2.82
2.94
V
VLCD4-0 = 11H
2.77
2.89
3.01
V
VLCD4-0 = 12H
2.83
2.96
3.08
V
VLCD4-0 = 13H
2.90
3.02
3.15
V
VLCD4-0 = 14H
2.96
3.09
3.22
V
VLCD4-0 = 15H
3.02
3.15
3.29
V
VLCD4-0 = 16H
3.09
3.22
3.35
V
VLCD4-0 = 17H
3.15
3.29
3.42
V
VLCD4-0 = 18H
3.21
3.35
3.49
V
VLCD4-0 = 19H
3.28
3.42
3.56
V
VLCD4-0 = 1AH
3.34
3.49
3.63
V
VL4 output voltage
VL4
C1 to C4Note 1 = 0.47 µF
3/2VL2
-6%
3/2VL2
3/2VL2
V
Reference voltage setup time
Note 2
tVWAIT1
10
ms
Voltage boost wait timeNote 3
tVWAIT2
C1 to C4Note 1 = 0.47 µF
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com