Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLL3CFB Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R7F100LLL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLL3CFB Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R7F100LLL3CFB Datasheet HTML 130Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 131Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 132Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 133Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 134Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 135Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 136Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 137Page - Renesas Technology Corp R7F100LLL3CFB Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 134 of 145
Oct 31, 2025
1. Code flash memory
Caution
The listed values do not include the time until the operations of the flash memory start following execution of an
instruction by software.
2. Data flash memory
Caution
The listed values do not include the time until the operations of the flash memory start following execution of an
instruction by software.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Item
Symbols
fCLK = 1 MHz
fCLK = 2 MHz, 3 MHz
4 MHz ≤ fCLK < 8 MHz 8 MHz ≤ fCLK < 32 MHz
fCLK = 32 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming
time
4 bytes
tP4
—
74.7
656.5
—
51.0
464.6
—
41.7
384.8
—
37.1
346.2
—
34.2
321.9
µs
Erasure time
2 Kbytes tE2K
—
10.4
312.2
—
7.7
258.5
—
6.4
231.8
—
5.8
218.4
—
5.6
214.4
ms
Blank checking
time
4 bytes
tBC4
—
—
38.4
—
—
19.2
—
—
13.1
—
—
10.2
—
—
8.3
µs
2 Kbytes tBC2K
—
—
2618.9
—
—
1309.5
—
—
658.3
—
—
332.8
—
—
234.1
µs
Time taken to forcibly stop
the erasure
tSED
—
—
18.0
—
—
14.0
—
—
12.0
—
—
11.0
—
—
10.3
µs
Security setting time
tAWSSAS
—
18.2
526.2
—
14.4
469.2
—
12.5
441.1
—
11.6
427.1
—
11.3
422.6
ms
Time until programming
starts following
cancellation of the STOP
instruction
—
20—
—
20—
—
20—
—
20—
—
20—
—
µs
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Item
Symbols
fCLK = 1 MHz
fCLK = 2 MHz, 3 MHz
4 MHz ≤ fCLK < 8 MHz 8 MHz ≤ fCLK < 32 MHz
fCLK = 32 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming
time
1 byte
tP4
—
74.7
656.5
—
51.0
464.6
—
41.7
384.8
—
37.1
346.2
—
34.2
321.9
µs
Erasure time
256 bytes tE2K
—
7.8
259.2
—
6.4
232.0
—
5.8
218.5
—
5.5
211.8
—
5.4
209.7
ms
Blank checking
time
1 byte
tBC4
—
—
38.4
—
—
19.2
—
—
13.1
—
—
10.2
—
—
8.3
µs
256 bytes tBC2K
—
—
1326.1
—
—
663.1
—
—
335.1
—
—
171.2
—
—
121.0
µs
Time taken to forcibly stop
the erasure
tSED
—
—
18.0
—
—
14.0
—
—
12.0
—
—
11.0
—
—
10.3
µs
Time until programming
starts following
cancellation of the STOP
instruction
—
20—
—
20—
—
20—
—
20—
—
20—
—
µs
Time until reading starts
following setting
DFLCTL.DFLEN to 1
—
0.25
—
—
0.25
—
—
0.25
—
—
0.25
—
—
0.25
—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com