Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2921 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 32Page - NXP Semiconductors LPC2921 Datasheet HTML 33Page - NXP Semiconductors LPC2921 Datasheet HTML 34Page - NXP Semiconductors LPC2921 Datasheet HTML 35Page - NXP Semiconductors LPC2921 Datasheet HTML 36Page - NXP Semiconductors LPC2921 Datasheet HTML 37Page - NXP Semiconductors LPC2921 Datasheet HTML 38Page - NXP Semiconductors LPC2921 Datasheet HTML 39Page - NXP Semiconductors LPC2921 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
36 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
Remark: Note that the ADC1 and ADC2 accept an input voltage up to of 3.6 V (see
Table 31) on the ADC1/2 IN pins. If the ADC is not used, the pins are 5 V tolerant.
6.14.4.3
Clock description
The ADC modules are clocked from two different sources; CLK_MSCSS_ADCx_APB and
CLK_ADCx (x = 1 or 2), see Section 6.7.2. Note that each ADC has its own CLK_ADCx
and CLK_MSCSS_ADCx_APB branch clocks for power management. If an ADC is
unused both its CLK_MSCSS_ADCx_APB and CLK_ADCx can be switched off.
The frequency of all the CLK_MSCSS_ADCx_APB clocks is identical to
CLK_MSCSS_APB since they are derived from the same base clock
BASE_MSCSS_CLK. Likewise the frequency of all the CLK_ADCx clocks is identical
since they are derived from the same base clock BASE_ADC_CLK.
The register interface towards the system bus is clocked by CLK_MSCSS_ADCx_APB.
Control logic for the analog section of the ADC is clocked by CLK_ADCx, see also
Figure 6.
6.14.5 Pulse Width Modulator (PWM)
The MSCSS in the LPC2921/2923/2925 includes four PWM modules with the following
features.
Six pulse-width modulated output signals
Double edge features (rising and falling edges programmed individually)
Optional interrupt generation on match (each edge)
Different operation modes: continuous or run-once
16-bit PWM counter and 16-bit prescale counter allow a large range of PWM periods
A protective mode (TRAP) holding the output in a software-controllable state and with
optional interrupt generation on a trap event
Three capture registers and capture trigger pins with optional interrupt generation on
a capture event
Interrupt generation on match event, capture event, PWM counter overflow or trap
event
A burst mode mixing the external carrier signal with internally generated PWM
Programmable sync-delay output to trigger other PWM modules (master/slave
behavior)
Table 20.
Analog to digital converter pins
Symbol
Pin name
Direction
Description
ADC1/2 IN[7:0]
IN1/2[7:0]
IN
analog input for 3.3 V ADC1/2, channel 7 to
channel 0
ADC2_EXT_START CAP1[2]
IN
ADC external start-trigger input
VREFN
VREFN
IN
ADC LOW reference level
VREFP
VREFP
IN
ADC HIGH reference level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com