Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2921 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 27Page - NXP Semiconductors LPC2921 Datasheet HTML 28Page - NXP Semiconductors LPC2921 Datasheet HTML 29Page - NXP Semiconductors LPC2921 Datasheet HTML 30Page - NXP Semiconductors LPC2921 Datasheet HTML 31Page - NXP Semiconductors LPC2921 Datasheet HTML 32Page - NXP Semiconductors LPC2921 Datasheet HTML 33Page - NXP Semiconductors LPC2921 Datasheet HTML 34Page - NXP Semiconductors LPC2921 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
31 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
Programmable clocks allow versatile rate control.
Bidirectional data transfer between masters and slaves.
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
The I2C-bus can be used for test and diagnostic purposes.
All I2C-bus controllers support multiple address recognition and a bus monitor mode.
6.13.3.1
Pin description
[1]
Note that the pins are not I2C-bus compliant open-drain pins.
6.14 Modulation and sampling control subsystem
The Modulation and Sampling Control Subsystem (MSCSS) in the LPC2921/2923/2925
includes four Pulse-Width Modulators (PWMs), two 10-bit successive approximation
Analog-to-Digital Converters (ADCs) and two timers.
The key features of the MSCSS are:
Two 10-bit, 400 ksamples/s, 8-channel ADCs with 3.3 V inputs and various trigger-
start options.
Four 6-channel PWMs (Pulse-Width Modulators) with capture and trap functionality.
Two dedicated timers to schedule and synchronize the PWMs and ADCs.
Quadrature encoder interface.
6.14.1 Functional description
The MSCSS contains Pulse-Width Modulators (PWMs), Analog-to-Digital Converters
(ADCs) and timers.
Figure 5 provides an overview of the MSCSS. An AHB-to-APB bus bridge takes care of
communication with the AHB system bus. Two internal timers are dedicated to this
subsystem. MSCSS timer 0 can be used to generate start pulses for the ADCs and the
first PWM. The second timer (MSCSS timer 1) is used to generate ‘carrier’ signals for the
PWMs. These carrier patterns can be used, for example, in applications requiring current
control. Several other trigger possibilities are provided for the ADCs (external, cascaded
or following a PWM). The capture inputs of both timers can also be used to capture the
start pulse of the ADCs.
Table 19.
I2C-bus pins[1]
Symbol
Pin name
Direction
Description
I2C SCL0/1
SCL0/1
I/O
I2C clock input/output
I2C SDA0/1
SDA0/1
I/O
I2C data input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com