Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2921 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 24Page - NXP Semiconductors LPC2921 Datasheet HTML 25Page - NXP Semiconductors LPC2921 Datasheet HTML 26Page - NXP Semiconductors LPC2921 Datasheet HTML 27Page - NXP Semiconductors LPC2921 Datasheet HTML 28Page - NXP Semiconductors LPC2921 Datasheet HTML 29Page - NXP Semiconductors LPC2921 Datasheet HTML 30Page - NXP Semiconductors LPC2921 Datasheet HTML 31Page - NXP Semiconductors LPC2921 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
28 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
6.12.5.3
Clock description
The SPI modules are clocked by two different clocks; CLK_SYS_PESS and CLK_SPIx
(x = 0, 1, 2), see Section 6.7.2. Note that each SPI has its own CLK_SPIx branch clock for
power management. The frequency of all clocks CLK_SPIx is identical as they are derived
from the same base clock BASE_CLK_SPI. The register interface towards the system bus
is clocked by CLK_SYS_PESS. The serial-clock rate divisor is clocked by CLK_SPIx.
The SPI clock frequency can be controlled by the CGU. In master mode the SPI clock
frequency (CLK_SPIx) must be set to at least twice the SPI serial clock rate on the
interface. In slave mode CLK_SPIx must be set to four times the SPI serial clock rate on
the interface.
6.12.6 General-purpose I/O
The LPC2921/2923/2925 contains two general-purpose I/O ports located at different
peripheral base addresses. All I/O pins are bidirectional, and the direction can be
programmed individually. The I/O pad behavior depends on the configuration
programmed in the port function-select registers.
The key features are:
General-purpose parallel inputs and outputs
Direction control of individual bits
Synchronized input sampling for stable input-data values
All I/O defaults to input at reset to avoid any possible bus conflicts
6.12.6.1
Functional description
The general-purpose I/O provides individual control over each bidirectional port pin. There
are two registers to control I/O direction and output level. The inputs are synchronized to
achieve stable read-levels.
To generate an open-drain output, set the bit in the output register to the desired value.
Use the direction register to control the signal. When set to output, the output driver
actively drives the value on the output: when set to input the signal floats and can be
pulled up internally or externally.
6.12.6.2
Pin description
The five GPIO ports in the LPC2921/2923/2925 have the pins listed below. The GPIO pins
are combined with other functions on the port pins of the LPC2921/2923/2925. Table 16
shows the GPIO pins.
Table 16.
GPIO pins
Symbol
Pin name
Direction
Description
GPIO0 pin[31:0]
P0[31:0]
IN/OUT
GPIO port x pins 31 to 0
GPIO1 pin[27:0]
P1[27:0]
IN/OUT
GPIO port x pins 27 to 0
GPIO5 pin[19:18]
P5[19:18]
IN/OUT
GPIO port x pins 19 and 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com