| Electronic Components Datasheet Search |
|
LPC2921 Datasheet(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 Datasheet(HTML) 19 Page - NXP Semiconductors |
|
19 / 81 page ![]() LPC2921_2923_2925_0 © NXP B.V. 2008. All rights reserved. Preliminary data sheet Rev. 00.01 — 24 October 2008 19 of 81 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN and LIN The index sector is a special sector in which the JTAG access protection and sector security are located. The address space becomes visible by setting the FS_ISS bit and overlaps the regular flash sector’s address space. Note that the index sector, once programmed, cannot be erased. Any flash operation must be executed out of SRAM (internal or external). 6.8.3 Flash bridge wait-states To eliminate the delay associated with synchronizing flash-read data, a predefined number of wait-states must be programmed. These depend on flash-memory response time and system clock period. The minimum wait-states value can be calculated with the following formulas: Synchronous reading: (1) Asynchronous reading: (2) Remark: If the programmed number of wait-states is more than three, flash-data reading cannot be performed at full speed (i.e. with zero wait-states at the AHB bus) if speculative reading is active. 6.8.4 Pin description The flash memory controller has no external pins. However, the flash can be programmed via the JTAG pins, see Section 6.6.3. 6.8.5 Clock description The flash memory controller is clocked by CLK_SYS_FMC, see Section 6.7.2. 6.8.6 EEPROM EEPROM is a non-volatile memory mostly used for storing relatively small amounts of data, for example for storing settings. It contains one 16 kB memory block and is byte-programmable and byte-erasable. The EEPROM can be accessed only through the flash controller. 6.9 General Purpose DMA (GPDMA) controller The GPDMA controller allows peripheral-to memory, memory-to-peripheral, peripheral-to-peripheral, and memory-to-memory transactions. Each DMA stream provides unidirectional serial DMA transfers for a single source and destination. For example, a bidirectional port requires one stream for transmit and one for receives. The source and destination areas can each be either a memory region or a peripheral, and can be accessed through the same AHB master or one area by each master. WST t acc clk () t t tclk sys () ------------------ > 1 – WST t acc addr () t tclk sys () ---------------------- > 1 – |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |