Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2921 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 62Page - NXP Semiconductors LPC2921 Datasheet HTML 63Page - NXP Semiconductors LPC2921 Datasheet HTML 64Page - NXP Semiconductors LPC2921 Datasheet HTML 65Page - NXP Semiconductors LPC2921 Datasheet HTML 66Page - NXP Semiconductors LPC2921 Datasheet HTML 67Page - NXP Semiconductors LPC2921 Datasheet HTML 68Page - NXP Semiconductors LPC2921 Datasheet HTML 69Page - NXP Semiconductors LPC2921 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
66 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
9.4 Dynamic characteristics: SPI
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =125 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
Table 35.
Dynamic characteristics of SPI pins
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; Tvj =-40 °Cto+85 °C; all voltages are
measured with respect to ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSPI
SPI operating frequency
master operation
1
65024fclk(spi)
-
1
2fclk(spi)
MHz
slave operation
1
65024fclk(spi)
-
1
4fclk(spi)
MHz
SPI master
TSPICYC
SPI cycle time
-
<tbd>
<tbd>
<tbd>
ns
tSPICLKH
SPICLK HIGH time
-
<tbd>
<tbd>
<tbd>
ns
tSPICLKL
SPICLK LOW time
-
<tbd>
<tbd>
<tbd>
ns
tSPIDSU
SPI data set-up time
-
<tbd>
<tbd>
<tbd>
ns
tSPIDH
SPI data hold time
-
<tbd>
<tbd>
<tbd>
ns
tSPIQV
SPI data output valid time
-
<tbd>
<tbd>
<tbd>
ns
tSPIOH
SPI output data hold time
-
<tbd>
<tbd>
<tbd>
ns
SPI slave
-
TSPICYC
SPI cycle time
-
<tbd>
<tbd>
<tbd>
ns
tSPICLKH
SPICLK HIGH time
-
<tbd>
<tbd>
<tbd>
ns
tSPICLKL
SPICLK LOW time
-
<tbd>
<tbd>
<tbd>
ns
tSPIDSU
SPI data set-up time
-
<tbd>
<tbd>
<tbd>
ns
tSPIDH
SPI data hold time
-
<tbd>
<tbd>
<tbd>
ns
tSPIQV
SPI data output valid time
-
<tbd>
<tbd>
<tbd>
ns
tSPIOH
SPI output data hold time
-
<tbd>
<tbd>
<tbd>
ns
Fig 23.
SPI master timing (CPHA = 1)
SCK (CPOL = 0)
MOSI
MISO
002aad986
tSPICLK
tSPICLKH
tSPICLKL
tSPIDSU
tSPIDH
tSPIQV
DATA VALID
DATA VALID
tSPIOH
SCK (CPOL = 1)
DATA VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com