Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 3 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 3 Page - Microchip Technology

  ENC424J600 Datasheet HTML 1Page - Microchip Technology ENC424J600 Datasheet HTML 2Page - Microchip Technology ENC424J600 Datasheet HTML 3Page - Microchip Technology ENC424J600 Datasheet HTML 4Page - Microchip Technology ENC424J600 Datasheet HTML 5Page - Microchip Technology ENC424J600 Datasheet HTML 6Page - Microchip Technology ENC424J600 Datasheet HTML 7Page - Microchip Technology ENC424J600 Datasheet HTML 8Page - Microchip Technology ENC424J600 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 1
ENC424J600/624J600
• IEEE 802.3™ Compliant Fast Ethernet Controller
• Integrated MAC and 10/100Base-T PHY
• Hardware Security Acceleration Engines
• 24-Kbyte Transmit/Receive Packet Buffer SRAM
• Supports one 10/100Base-T Port with Automatic
Polarity Detection and Correction
• Supports Auto-Negotiation
• Support for Pause Control Frames, including
Automatic Transmit and Receive Flow Control
• Supports Half and Full-Duplex Operation
• Programmable Automatic Retransmit on Collision
• Programmable Padding and CRC Generation
• Programmable Automatic Rejection of Erroneous
and Runt Packets
• Factory Preprogrammed Unique MAC Address
•MAC:
- Support for Unicast, Multicast and Broadcast
packets
- Supports promiscuous reception
- Programmable pattern matching
- Programmable filtering on multiple packet
formats, including Magic Packet™, Unicast,
Multicast, Broadcast, specific packet match,
destination address hash match or any packet
•PHY:
- Wave shaping output filter
- Internal Loopback mode
- Energy Detect Power-Down mode
• Available MCU Interfaces:
- 14 Mbit/s SPI interface with enhanced set of
opcodes (44-pin and 64-pin packages)
- 8-bit multiplexed parallel interface
(44-pin and 64-pin packages)
- 8-bit or 16-bit multiplexed or demultiplexed
parallel interface (64-pin package only)
• Security Engines:
- High-performance, modular exponentiation
engine with up to 1024-bit operands
- Supports RSA® and Diffie-Hellman key
exchange algorithms
- High-performance AES encrypt/decrypt
engine with 128-bit, 192-bit or 256-bit key
- Hardware AES ECB, CBC, CFB and OFB
mode capability
- Software AES CTR mode capability
- Fast MD5 hash computations
- Fast SHA-1 hash computations
•Buffer:
- Configurable transmit/receive buffer size
- Hardware-managed circular receive FIFO
- 8-bit or 16-bit random and sequential access
- High-performance internal DMA for fast
memory copying
- High-performance hardware IP checksum
calculations
- Accessible in low-power modes
- Space can be reserved for general purpose
application usage in addition to transmit and
receive packets
• Operational:
- Outputs for two LED indicators with support
for single and dual LED configurations
- Transmit and receive interrupts
-25 MHz clock
- 5V tolerant inputs
- Clock out pin with programmable frequencies
from 50 kHz to 33.3 MHz
- Operating voltage range of 3.0V to 3.6V
- Temperature range: -40°C to +85°C industrial
• Available in 44-Pin (TQFP and QFN) and 64-Pin
TQFP Package
s
Device
SRAM
(bytes)
Pin
Count
Speed
(Mbps)
Security
SPI
PSP
ModEx
1024-Bit
MD5
SHA-1
AES
256-Bit
Multiplexed
Demultiplexed
ENC424J600
24K
44
10/100
Y
Y
Y
Y
Y
N
N
N
ENC624J600
24K
64
10/100
Y
Y
Y
Y
Y
Y
Y
Y
Stand-Alone 10/100 Ethernet Controller
with SPI or Parallel Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com