Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 30 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 30 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 26Page - Microchip Technology ENC424J600 Datasheet HTML 27Page - Microchip Technology ENC424J600 Datasheet HTML 28Page - Microchip Technology ENC424J600 Datasheet HTML 29Page - Microchip Technology ENC424J600 Datasheet HTML 30Page - Microchip Technology ENC424J600 Datasheet HTML 31Page - Microchip Technology ENC424J600 Datasheet HTML 32Page - Microchip Technology ENC424J600 Datasheet HTML 33Page - Microchip Technology ENC424J600 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 168 page
background image
ENC424J600/624J600
DS39935C-page 28
 2010 Microchip Technology Inc.
3.3
PHY Special Function Registers
The PHY registers provide configuration and control of
the PHY module, as well as status information about its
operation. These 16-bit registers are located in their
own memory space, outside of the main SFR space.
Unlike other SFRs, the PHY SFRs are not directly
accessible through the SPI or PSP interfaces. Instead,
access is accomplished through a special set of MAC
control registers that implement a Media Independent
Interface Management (MIIM) defined by IEEE 802.3;
these are the MICMD, MISTAT and MIREGADR
registers.
There are a total of 32 PHY addresses; however, only
10 locations implement user-accessible registers listed
in Table 3-8. Writes to unimplemented locations are
ignored and any attempts to read these locations return
FFFFh. Do not write to reserved PHY register locations
and ignore their content if read.
TABLE 3-8:
PHY SPECIAL FUNCTION
REGISTER MAP
3.3.1
READING PHY REGISTERS
When a PHY register is read, the entire 16 bits are
obtained.
To read from a PHY register:
1.
Write the address of the PHY register to read
from
into
the
MIREGADR
register
(Register 3-1). Make sure to also set reserved
bit 8 of this register.
2.
Set the MIIRD bit (MICMD<0>, Register 3-2).
The read operation begins and the BUSY bit
(MISTAT<0>, Register 3-3) is automatically set
by hardware.
3.
Wait 25.6
s. Poll the BUSY (MISTAT<0>) bit to
be certain that the operation is complete. While
busy, the host controller should not start any
MIISCAN operations or write to the MIWR
register. When the MAC has obtained the register
contents, the BUSY bit will clear itself.
4.
Clear the MIIRD (MICMD<0>) bit.
5.
Read the desired data from the MIRD register.
For 8-bit interfaces, the order that these bytes
are read is unimportant.
3.3.2
WRITING PHY REGISTERS
When a PHY register is written to, the entire 16 bits are
written at once; selective bit writes are not
implemented. If it is necessary to reprogram only select
bits in the register, the host microcontroller must first
read the PHY register, modify the resulting data and
then write the data back to the PHY register.
To write to a PHY register:
1.
Write the address of the PHY register to write to
into the MIREGADR register. Make sure to also
set reserved bit 8 of this register.
2.
Write the 16 bits of data into the MIWR register.
The low byte must be written first, followed by
the high byte.
3.
Writing to the high byte of MIWR begins the
MIIM transaction and the BUSY (MISTAT<0>)
bit is automatically set by hardware.
The PHY register is written after the MIIM operation
completes, which takes 25.6
s. When the write opera-
tion has completed, the BUSY bit clears itself. The host
controller should not start any MIISCAN, MIWR or
MIIRD operations while the BUSY bit is set.
Address
Name
Address
Name
00
PHCON1
10
Reserved
01
PHSTAT1
11
PHCON2
02
Reserved
12
Reserved
03
Reserved
13
—
04
PHANA
14
Reserved
05
PHANLPA
15
Reserved
06
PHANE
16
Reserved
07
—17
Reserved
08
—18
—
09
—19
—
0A
—1A
—
0B
—1B
PHSTAT2
0C
—1C
Reserved
0D
—1D
Reserved
0E
—
1E
Reserved
0F
—
1F
PHSTAT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com