Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 92 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 92 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 88Page - Microchip Technology ENC424J600 Datasheet HTML 89Page - Microchip Technology ENC424J600 Datasheet HTML 90Page - Microchip Technology ENC424J600 Datasheet HTML 91Page - Microchip Technology ENC424J600 Datasheet HTML 92Page - Microchip Technology ENC424J600 Datasheet HTML 93Page - Microchip Technology ENC424J600 Datasheet HTML 94Page - Microchip Technology ENC424J600 Datasheet HTML 95Page - Microchip Technology ENC424J600 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
ENC424J600/624J600
DS39935C-page 90
 2010 Microchip Technology Inc.
REGISTER 9-1:
ECON1: ETHERNET CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MODEXST
HASHEN
HASHOP
HASHLST
AESST
AESOP1
AESOP0
PKTDEC
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
FCOP1
FCOP0
DMAST
DMACPY
DMACSSD
DMANOCS
TXRTS
RXEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
MODEXST:
Modular Exponentiation Start bit
1
= Modular exponentiation calculation started/busy; automatically cleared by hardware when done
0
= Modular exponentiation calculation done/Idle
bit 14
HASHEN:
MD5/SHA-1 Hash Enable bit
1
= MD5/SHA-1 hashing engine enabled. Data written to the hashing engine by the DMA is added to
the hash.
0
= MD5/SHA-1 hashing engine disabled
bit 13
HASHOP:
MD5/SHA-1 Hash Operation Control bit
1
= MD5/SHA-1 hash engine loads the Initial Value (IV) from the hash memory. This mode is typically
used for HMAC hash operations.
0
= Normal MD5/SHA-1 hash operation
bit 12
HASHLST:
MD5/SHA-1 Hash Last Block Control bit
1
= The next DMA transfer to the hash engine completes the hash. If needed, padding is automatically
generated and added to the hash.
0
= The next DMA transfer to the hash engine adds data to the hash. Further data additions to the hash
are still possible.
bit 11
AESST:
AES Encrypt/Decrypt Start bit
1
= AES encrypt/decrypt operation is started/busy; automatically cleared by hardware when done
0
= AES encrypt/decrypt operation is done/Idle
bit 10-9
AESOP<1:0>:
AES Operation Control bits
11
= Reserved
10
= ECB/CBC decrypt
01
= CBC/CFB encrypt
00
= ECB/CFB/OFB encrypt or key initialization
bit 8
PKTDEC:
RX Packet Counter Decrement Control bit
1
= Decrement PKTCNT (ESTAT<7:0>) bits by one. Hardware immediately clears PKTDEC to ‘0’,
allowing back-to-back decrement operations.
0
= Leave PKTCNT bits unchanged
bit 7-6
FCOP<1:0>:
Flow Control Operation Control/Status bits
When FULDPX (MACON2<0>) = 1:
11
= End flow control by sending a pause frame with 0000h pause timer value; automatically cleared
by hardware when done
10
= Enable flow control by periodically sending pause frames with a pause timer defined by EPAUS
01
= Transmit single pause frame defined by EPAUS; automatically cleared by hardware when done
00
= Flow control disabled/Idle
When FULDPX (MACON2<0>) = 0:
1x
, 01 = Enable flow control by continuously asserting backpressure (transmitting preamble)
00
= Flow control disabled/Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com