Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 69 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 69 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 65Page - Microchip Technology ENC424J600 Datasheet HTML 66Page - Microchip Technology ENC424J600 Datasheet HTML 67Page - Microchip Technology ENC424J600 Datasheet HTML 68Page - Microchip Technology ENC424J600 Datasheet HTML 69Page - Microchip Technology ENC424J600 Datasheet HTML 70Page - Microchip Technology ENC424J600 Datasheet HTML 71Page - Microchip Technology ENC424J600 Datasheet HTML 72Page - Microchip Technology ENC424J600 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 67
ENC424J600/624J600
5.3.7
MODE 9
PSP Mode 9 is a 16-bit, fully-multiplexed mode that is
available on 64-pin devices only. The parallel interface
consists of 16 bidirectional data pins (AD<15:0>); the
lower 14 (AD<13:0>) also function as address pins. To
select PSP Mode 9, tie PSPCFG2 and PSPCFG3 to
VDD, while connecting PSPCFG1 to VSS. Figure 5-19
shows the connections required.
This mode uses an active-high Read (RD) strobe and
two Write (WRH and WRL) strobes in conjunction with
separate Chip Select (CS) and Address Latch (AL)
inputs. These five pins allow the host to select the
device, latch an address and then signal when a read
operation is desired or when valid data is being
presented to be written to either the low byte, high byte
or both. For proper operation while the ENCX24J600 is
selected, do not assert RD or AL while simultaneously
asserting either WRL or WRH.
AD<15:0> stay in a high-impedance state any time CS
or RD is low.
To perform a read operation:
1.
Raise CS (if connected to the host).
2.
Present the address to read from on AD<13:0>.
3.
Strobe AL high, then low.
4.
Set the host controller’s AD<15:0> bus pins as
inputs.
5.
Raise RD.
The AD<15:0> bus begins driving out indeterminate
data for a brief period, then switches to the correct read
data after the appropriate read access time has
elapsed. When RD is lowered, the AD<15:0> pins
return to a high-impedance state.
The device always outputs a full 16 bits of data for each
read request. If only 8 bits of data are required, read the
data from the correct pins (AD<15:8> or AD<7:0>) and
discard the remaining byte.
To perform a write operation:
1.
Raise CS (if connected to the host).
2.
Present the address to write to on AD<13:0>.
3.
Strobe AL.
4.
If writing to the low byte of the memory location,
present the data on AD<7:0>, then strobe WRL
high, then low.
5.
If writing to the high byte, present the data on
AD<15:8>, then strobe WRH.
6.
If writing a whole word, strobe both WRL and
WRH simultaneously.
If a subsequent read or write of the same memory
address is desired, it is possible to restrobe RD, WRL
or WRH without going through another address latch
cycle.
Sample timing diagrams for reading and writing data in
this mode are provided in Figure 5-20 and Figure 5-21,
respectively.
FIGURE 5-19:
DEVICE CONNECTIONS FOR PSP MODE 9
Host MCU
ENC624J600
100 k
AD<15:0>
INT/SPISEL
PMD<15:0>
INTx(3)
16
PSPCFG1
PSPCFG2
PSPCFG3
CS(1)
RD
WRL
PMCSx
PMRD
PMWRL
WRH(2)
PMWRH
(2)
AL
PMALL
Note 1: Use of the CS strobe from the controller is optional. If not used, tie CS to VDD.
2: WRL and WRH may optionally be tied together to form a 16-bit write strobe. See Section 5.2.3 “Write Select
Pins” for details.
3: Use of the external interrupt signal to the controller is optional.
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com