Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 59 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 59 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 55Page - Microchip Technology ENC424J600 Datasheet HTML 56Page - Microchip Technology ENC424J600 Datasheet HTML 57Page - Microchip Technology ENC424J600 Datasheet HTML 58Page - Microchip Technology ENC424J600 Datasheet HTML 59Page - Microchip Technology ENC424J600 Datasheet HTML 60Page - Microchip Technology ENC424J600 Datasheet HTML 61Page - Microchip Technology ENC424J600 Datasheet HTML 62Page - Microchip Technology ENC424J600 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 57
ENC424J600/624J600
5.3.3
MODE 3
PSP Mode 3 is a 16-bit, fully demultiplexed mode that
is available on 64-pin devices only. The parallel inter-
face consists of 16 bidirectional data pins (AD<15:0>)
and 8 to 14 separate address pins (A<13:0>). To select
PSP Mode 3, tie PSPCFG3 and PSPCFG4 to VSS,
while connecting PSPCFG2 to VDD. Figure 5-7 shows
the connections required.
An active-high RD strobe and two Write strobes (WRH
and WRL) are utilized in conjunction with a separate
Chip Select (CS). These four pins allow the host to
select the device, then signal when a read operation is
desired or when valid data is being presented to be
written on either the low byte, high byte or both. For
proper operation, do not assert CS and RD while
simultaneously asserting either WRL or WRH.
In PSP Mode 3, AD<15:0> stay in a high-impedance
state any time CS or RD are low.
To perform a read operation:
1.
Raise the CS line (if connected to the host).
2.
Present the address to be read onto the address
bus.
3.
Raise the RD strobe and wait the required time
for the access to occur.
When RD is raised high, the data bus begins driving out
indeterminate data for a brief period, then switches to
the correct read data after the appropriate read access
time has elapsed. When the RD strobe is lowered, the
data pins will return to a high-impedance state.
The device always outputs a full 16 bits of data for each
read request. If only 8 bits of data are required, read the
data from the correct pins (AD<15:8> or AD<7:0>) and
discard the remaining byte.
To perform a write operation:
1.
Raise the CS line (if connected to the host).
2.
Present the address onto the A<13:0> address
bus.
3.
If writing to the low byte of the memory location,
present the data on AD<7:0>, and strobe the
WRL signal high and then low.
4.
If writing to the high byte, present the data on the
AD<15:8> and strobe the WRH signal.
5.
If writing a whole word, strobe both WRL and
WRH simultaneously.
Sample timing diagrams for reading and writing data in
this mode are provided in Figure 5-8 and Figure 5-9,
respectively.
FIGURE 5-7:
DEVICE CONNECTIONS FOR PSP MODE 3
Host MCU
ENC624J600
CS(1)
RD
100 k
WRL
A<13:8>(3)
A<7:0>
AD<15:0>
INT/SPISEL
PMCSx
PMRD
PMWRL
PMA<13:8>
PMA<7:0>
PMD<15:0>
INTx(4)
6
8
16
PSPCFG2
PSPCFG3
PSPCFG4
Note 1:
Use of the CS strobe from the controller is optional. If not used, tie CS to VDD.
2:
WRL and WRH may optionally be tied together to form a 16-bit write strobe. See Section 5.2.3 “Write Select
Pins”
for details.
3:
Connect these pins when direct addressing of the entire SRAM buffer is required. Tie to VDD when only indirect
addressing is desired.
4:
Use of the external interrupt signal to the controller is optional.
WRH(2)
PMWRH
(2)
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com