Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 36 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 36 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 32Page - Microchip Technology ENC424J600 Datasheet HTML 33Page - Microchip Technology ENC424J600 Datasheet HTML 34Page - Microchip Technology ENC424J600 Datasheet HTML 35Page - Microchip Technology ENC424J600 Datasheet HTML 36Page - Microchip Technology ENC424J600 Datasheet HTML 37Page - Microchip Technology ENC424J600 Datasheet HTML 38Page - Microchip Technology ENC424J600 Datasheet HTML 39Page - Microchip Technology ENC424J600 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 168 page
background image
ENC424J600/624J600
DS39935C-page 34
 2010 Microchip Technology Inc.
3.5.5
INDIRECT SRAM BUFFER ACCESS
Indirect access to the SRAM buffer is available to all I/O
interfaces. For the SPI interface, it is the only method
available. For PSP interfaces, it may be used in
addition to the direct access method.
Three separate pointer pairs are available for the host
microcontroller to use when accessing the SRAM:
• General Purpose Buffer Read/Write Pointer
(EGPRDPT/EGPWRPT)
• Receive Buffer Read/Write Pointer
(ERXRDPT/ERXWRPT)
• User-Defined Area Read/Write Pointer
(EUDARDPT/EUDAWRPT)
Each of these pointer pairs provides an 8-bit virtual
window register (EGPDATA, ERXDATA and EUDATA)
through which the SRAM data is read or written. The
pointers and their associated data windows are shown
in Figure 3-5.
EGPDATA, ERXDATA and EUDADATA are all 8 bits
wide. When writing to them using a 16-bit PSP
interface, the low-order byte select or write enable must
be used; strobing the high byte Byte Select or Write
Enable has no effect. When reading from a 16-bit PSP
interface, one byte of useful data will be returned on the
lower 8 bits of the data bus; the upper 8 bits are to be
ignored.
When a data window register is read, the memory
contents at the address indicated by the corresponding
Read Pointer are obtained and presented to the host
microcontroller. Similarly, when a data window register
is written, the memory contents at the address
indicated by the corresponding Write Pointer are
updated by the data from the host microcontroller.
Following a read/write operation, the appropriate
pointer is automatically incremented in hardware.
FIGURE 3-5:
POINTERS FOR INDIRECT BUFFER ACCESS
General Purpose
Buffer
0000h
5FFFh
Circular RX FIFO
Buffer
ERXST
ERXST – 1
EGPRDPT
EGPWRPT
ERXRDPT
ERXWRPT
EUDARDPT
EUDAWRPT
EUDAST
EUDAND
EGPDATA
ERXDATA
EUDADATA
EGPDATA
ERXDATA
EUDADATA
EUDADATA
EGPDATA
ERXDATA
Unimplemented
Read
Write
Read
Write
Read
Write
Data Windows
Buffer Pointers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com