Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 80 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 80 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 76Page - Microchip Technology ENC424J600 Datasheet HTML 77Page - Microchip Technology ENC424J600 Datasheet HTML 78Page - Microchip Technology ENC424J600 Datasheet HTML 79Page - Microchip Technology ENC424J600 Datasheet HTML 80Page - Microchip Technology ENC424J600 Datasheet HTML 81Page - Microchip Technology ENC424J600 Datasheet HTML 82Page - Microchip Technology ENC424J600 Datasheet HTML 83Page - Microchip Technology ENC424J600 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 168 page
background image
ENC424J600/624J600
DS39935C-page 78
 2010 Microchip Technology Inc.
bit 6
RXRST:
Receive Logic Reset bit
1
= Receive logic is held in Reset. RXEN (ECON1<0>) is automatically cleared by hardware when this
bit is set.
0
= Receive logic is not in Reset (normal operation)
bit 4
ETHRST:
Master Ethernet Reset bit
1
= All TX, RX, MAC, PHY, DMA, modular exponentiation, hashing and AES logic, and registers
(excluding COCON) are reset. Hardware self-clears this bit to ‘0’. After setting this bit, wait at least
25
s before attempting to read or write to the ENCX24J600 via the SPI or PSP interface.
0
= Device is not in Reset (normal operation)
bit 3-2
MODLEN<1:0>:
Modular Exponentiation Length Control bits
11
= Reserved
10
= 1024-bit modulus and operands
01
= 768-bit modulus and operands
00
= 512-bit modulus and operands
bit 1-0
AESLEN<1:0>:
AES Key Length Control bits
11
= Reserved
10
= 256-bit key
01
= 192-bit key
00
= 128-bit key
REGISTER 8-1:
ECON2: ETHERNET CONTROL REGISTER 2 (CONTINUED)
Note 1:
Reset value on POR events only. All other Resets leave these bits unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com