Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 78 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 78 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 74Page - Microchip Technology ENC424J600 Datasheet HTML 75Page - Microchip Technology ENC424J600 Datasheet HTML 76Page - Microchip Technology ENC424J600 Datasheet HTML 77Page - Microchip Technology ENC424J600 Datasheet HTML 78Page - Microchip Technology ENC424J600 Datasheet HTML 79Page - Microchip Technology ENC424J600 Datasheet HTML 80Page - Microchip Technology ENC424J600 Datasheet HTML 81Page - Microchip Technology ENC424J600 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 168 page
background image
ENC424J600/624J600
DS39935C-page 76
 2010 Microchip Technology Inc.
8.6.1
PREPROGRAMMED MAC ADDRESS
As shipped, each ENCX24J600 device has been
preprogrammed with a unique MAC address. This
value is stored in nonvolatile memory and reloaded into
the MAADR registers after every Power-on and System
Reset. The factory preprogrammed MAC address is
permanent and will be restored to the MAC registers
after each Reset.
The preprogrammed address in nonvolatile memory
cannot be changed by the user, but it can be over-
written in the SFRs. If the user requires a different MAC
address value, the MAADR registers will need to be
written with the new MAC values by the host
application after each Reset.
8.7
PHY Initialization
Depending on the application, the PHY may need to be
configured during initialization. Typically, when using
auto-negotiation, users should write 0x05E1 to PHANA
to advertise flow control capability. Only special test
code, such as when attempting to do loopback tests,
needs other settings in the PHY to be reconfigured.
8.8
Other Considerations Following
Reset
Beyond the steps already described, there are addi-
tional configuration options that may need to be
adjusted following a device Reset. Normally, the default
configurations of these items on Power-on Reset do
not need to be changed.
For Half-Duplex mode:
• Verify that DEFER (MACON2<14>), BPEN
(MACON2<13>) and NOBKOFF (MACON2<12>)
are set correctly. These bits only apply when
operating in Half-Duplex mode; most applications
do not need to modify these settings from their
power-on defaults. For IEEE 802.3 compliance,
keep the DEFER bit set.
• Configure the Non-Back-to-Back Inter-Packet
Gap register, MAIPG (Register 8-5). Most applica-
tions program this register to 12h, which selects
maximum performance while complying with the
IEEE 802.3 IPG previously specified.
• Set the MAXRET<3:0> (MACLCON<3:0>) bits to
select the maximum number of retransmission
attempts after a collision is detected. Most
applications do not need to change this from the
default value.
For Full-Duplex mode:
• Configure the low byte of the Non-Back-to-Back
Inter-Packet Gap register, MAIPGL. Most applica-
tions program this register to 12h, which selects
maximum performance while complying with the
IEEE 802.3 IPG previously specified.
8.9
After Link Establishment
Several MAC configuration parameters are dependent
upon the current duplex mode of the link. Once
auto-negotiation completes, or the speed and duplex
modes are manually reconfigured, these registers must
be
updated
accordingly.
For
details
about
auto-negotiation
and
manual
speed/duplex
configuration, refer to Section 12.0 “Speed/Duplex
Configuration and Auto-Negotiation”
.
Once these steps are performed, packet reception is
re-enabled by setting RXEN (ECON1<0>). The host
controller may also begin to transmit packets as
described in Section 9.1 “Transmitting Packets”.
Before transmitting the first packet after link establish-
ment or auto-negotiation, the MAC duplex configuration
must be manually set to match the duplex configuration
of the PHY. To do this, configure FULDPX
(MACON2<0>) to match PHYDPX (ESTAT<10>).
For Half-Duplex mode, configure the Back-to-Back
Inter-Packet Gap register, MABBIPG (Register 8-4), to
set the nibble time offset delay between the end of one
transmission and the beginning of the next in a
back-to-back sequence. Program the register value as
the desired period in nibble times, minus 6. Most
applications will program this register to 12h, which
represents the minimum Inter-Packet Gap (IPG)
specified by IEEE 802.3, of 0.96
s (at 100 Mb/s) or
9.6
s (at 10 Mb/s).
For Full-Duplex mode, configure the Back-to-Back
Inter-Packet Gap register, MABBIPG, to set the nibble
time offset delay between the end of one transmission
and the beginning of the next in a back-to-back
sequence. The register value should be programmed
as the desired period in nibble times, minus 3. Most
applications will program this register to 15h, which
represents the minimum IEEE 802.3 specified
Inter-Packet Gap (IPG) of 0.96
s (at 100 Mb/s) or
9.6
s (at 10 Mb/s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com