Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 76 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 76 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 72Page - Microchip Technology ENC424J600 Datasheet HTML 73Page - Microchip Technology ENC424J600 Datasheet HTML 74Page - Microchip Technology ENC424J600 Datasheet HTML 75Page - Microchip Technology ENC424J600 Datasheet HTML 76Page - Microchip Technology ENC424J600 Datasheet HTML 77Page - Microchip Technology ENC424J600 Datasheet HTML 78Page - Microchip Technology ENC424J600 Datasheet HTML 79Page - Microchip Technology ENC424J600 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 168 page
background image
ENC424J600/624J600
DS39935C-page 74
 2010 Microchip Technology Inc.
7.3
Transmit Only Reset
A Transmit Only Reset is performed by setting the
TXRST bit (ECON2<6>). The transmit logic is held in
Reset until the bit is cleared. Any pending transmission
is aborted and TXRTS (ECON1<1>) is cleared. To
resume normal operation, clear the TXRST bit.
Both the POR and System Resets automatically perform
a Transmit Reset, so this step does not need to be per-
formed after a System or Power-on Reset. Only the
transmit logic is affected by this operation. Other register
and control blocks are not affected by this event.
7.4
Receive Only Reset
A Receive Only Reset is performed by setting the
RXRST bit (ECON2<5>). The receive logic is held in
Reset until the bit is cleared. Any packet being received
is aborted and RXEN (ECON1<0>) is cleared. To
resume normal operation, clear the RXRST bit.
Both the POR and System Resets automatically perform
a Receive Reset, so this step does not need to be per-
formed after a System or Power-on Reset. Only the
receive logic is affected by this operation. Other register
and control blocks are not affected by this event.
Following a Receive Only Reset, it is necessary to
manually reconfigure the RX SFRs for normal receive
operation again. For example, applications must clear
the PKTCNT field in ESTAT by setting the PKTDEC bit
(ECON1<8>) enough times for the count to reach zero.
Similarly, applications must reset the ERXST and
ERXTAIL Pointers before enabling reception again with
the RXEN bit.
7.5
PHY Subsystem Reset
The PHY module may be reset by setting the PRST bit
(PHCON1<15>). The PHY register contents all revert
to their default values.
Unlike the Transmit and Receive Only Resets, the PHY
cannot be removed from Reset immediately after setting
PRST. The PHY requires a delay, after which the
hardware automatically clears the PRST bit. It is recom-
mended that, after issuing a Reset, the host controller
polls PRST and waits for it to be cleared by hardware
before using the PHY.
The POR and System Resets automatically perform a
PHY Reset, so this step does not need to be performed
after a System or Power-on Reset. Only the PHY is
affected by this operation. Other register and control
blocks are not affected by this event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com