Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 97 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 97 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 93Page - Microchip Technology ENC424J600 Datasheet HTML 94Page - Microchip Technology ENC424J600 Datasheet HTML 95Page - Microchip Technology ENC424J600 Datasheet HTML 96Page - Microchip Technology ENC424J600 Datasheet HTML 97Page - Microchip Technology ENC424J600 Datasheet HTML 98Page - Microchip Technology ENC424J600 Datasheet HTML 99Page - Microchip Technology ENC424J600 Datasheet HTML 100Page - Microchip Technology ENC424J600 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 95
ENC424J600/624J600
10.0 RECEIVE FILTERS
To minimize the number of frames that the host controller
must process, ENC424J600/624J600 devices incorpo-
rate 11 different receive filters to discard unwanted
frames. The following filters are available:
• CRC Error Collection Filter
• Runt Error Collection Filter
• CRC Error Rejection Filter
• Runt Error Rejection Filter
• Unicast Collection Filter
• Not-Me Unicast Collection Filter
• Multicast Collection Filter
• Broadcast Collection Filter
• Hash Table Collection Filter
• Magic Packet™ Collection Filter
• Pattern Match Collection Filter
Each filter is software configurable, and can be individu-
ally enabled or disabled, using the ERXFCON register
(Register 10-1). Each filter is either a Collection or a
Rejection filter, with incoming frames passing sequen-
tially through each enabled filter. The first filter to make a
definitive decision for a frame takes priority over all
others. Collection filters either force a frame to be
accepted or defer the decision to a lower priority filter.
Similarly, Rejection filters either discard frames or defer
to lower priority filters. Frames that pass through all filters
without specifically being accepted are discarded.
Figure 10-1 demonstrates this decision tree.
At power-up, the CRC Error Rejection, Runt Error
Rejection, Unicast Collection and Broadcast Collection
filters are enabled, and all others are disabled. With
these settings, the device will only accept Broadcast
frames and frames specifically addressed to the local
MAC address. Invalid frames and those destined for
other nodes will be automatically rejected.
Note 1:
The MAC internally processes and filters
Ethernet control frames as they arrive
and before they reach these filters. For
the application to receive Ethernet control
frames, enable the PASSALL option
(MACCON1<1> = 1).
2:
If the Ethernet Receive Enable bit, RXEN
(ECON1<0>), is set, the filters may make
an incorrect decision if any of the receive
filters are reconfigured at the exact
moment a new frame is being received.
To avoid this behavior, clear the RXEN bit
prior to changing any receive filter
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com