Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 46 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 46 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 42Page - Microchip Technology ENC424J600 Datasheet HTML 43Page - Microchip Technology ENC424J600 Datasheet HTML 44Page - Microchip Technology ENC424J600 Datasheet HTML 45Page - Microchip Technology ENC424J600 Datasheet HTML 46Page - Microchip Technology ENC424J600 Datasheet HTML 47Page - Microchip Technology ENC424J600 Datasheet HTML 48Page - Microchip Technology ENC424J600 Datasheet HTML 49Page - Microchip Technology ENC424J600 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 168 page
background image
ENC424J600/624J600
DS39935C-page 44
 2010 Microchip Technology Inc.
TABLE 4-3:
THREE-BYTE INSTRUCTIONS
Mnemonic
Opcode
Argument
Instruction
1st Byte
2nd Byte
3rd Byte
WGPRDPT
0110 0000
dddd dddd
DDDD DDDD
Write General Purpose Buffer Read Pointer
(EGPRDPT).
RGPRDPT
0110 0010
xxxx xxxx
XXXX XXXX
Read General Purpose Buffer Read Pointer
(EGPRDPT).
WRXRDPT
0110 0100
dddd dddd
DDDD DDDD
Write Receive Buffer Read Pointer (ERXRDPT).
RRXRDPT
0110 0110
xxxx xxxx
XXXX XXXX
Read Receive Buffer Read Pointer (ERXRDPT).
WUDARDPT
0110 1000
dddd dddd
DDDD DDDD
Write User-Defined Area Read Pointer (EUDARDPT).
RUDARDPT
0110 1010
xxxx xxxx
XXXX XXXX
Read User-Defined Area Read Pointer (EUDARDPT).
WGPWRPT
0110 1100
dddd dddd
DDDD DDDD
Write General Purpose Buffer Write Pointer
(EGPWRPT).
RGPWRPT
0110 1110
xxxx xxxx
XXXX XXXX
Read General Purpose Buffer Write Pointer
(EGPWRPT).
WRXWRPT
0111 0000
dddd dddd
DDDD DDDD
Write Receive Buffer Write Pointer (ERXWRPT).
RRXWRPT
0111 0010
xxxx xxxx
XXXX XXXX
Read Receive Buffer Write Pointer (ERXWRPT).
WUDAWRPT
0111 0100
dddd dddd
DDDD DDDD
Write User-Defined Area Write Pointer (EUDAWRPT).
RUDAWRPT
0111 0110
xxxx xxxx
XXXX XXXX
Read User-Defined Area Write Pointer (EUDAWRPT).
Legend: x/d = pointer data (LSB), X/D = pointer data (MSB, optional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com