Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 87 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 87 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 83Page - Microchip Technology ENC424J600 Datasheet HTML 84Page - Microchip Technology ENC424J600 Datasheet HTML 85Page - Microchip Technology ENC424J600 Datasheet HTML 86Page - Microchip Technology ENC424J600 Datasheet HTML 87Page - Microchip Technology ENC424J600 Datasheet HTML 88Page - Microchip Technology ENC424J600 Datasheet HTML 89Page - Microchip Technology ENC424J600 Datasheet HTML 90Page - Microchip Technology ENC424J600 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 85
ENC424J600/624J600
While transmission is active (TXRTS is set), it is recom-
mended that ETXST and ETXLEN, as well as the
TXMAC bit (ECON2<13>), not be modified. Since
ERXST controls the end of the transmit buffer, and
therefore, buffer wrap-around, it must also remain
unchanged.
To transmit a packet:
1.
Initialize the MAC as described in Section 8.6
“MAC Initialization”
. Most applications should
leave PADCFG<3:0> and TXCRCEN set to their
default values, which enables automatic padding
and CRC generation. For automatic insertion of
the source MAC address during transmission, set
the TXMAC bit to ‘1’.
2.
If desired, enable the transmit done and/or
transmit abort interrupts by setting TXIE and/or
TXABTIE (EIE<3:2>). Clear TXIF and TXABTIF
(EIR<3:2>) if they are currently set. To generate
the interrupt, also set INTIE (EIE<15>).
3.
Copy the packet to the SRAM buffer.
4.
Program ETXST to the start address of the
packet.
5.
Program ETXLEN with the length of data copied
to the memory.
6.
Set the TXRTS bit to initiate transmission.
7.
Wait for the hardware to clear TXRTS and trigger
a transmit interrupt, indicating transmission has
completed.
8.
Read the ETXSTAT register for status information
as described in the next section.
The transmit function does not modify the ETXST
Pointer or ETXLEN data length after the operation
completes. To send another packet, the Start Pointer
must be manually moved to the location of the next
packet and the transmit length must be updated. If
desired, the application can retransmit the last packet
by setting TXRTS again without modifying ETXST or
ETXLEN.
9.1.1
TRANSMISSION STATUS
After transmitting a packet (either successfully or
unsuccessfully), the ETXSTAT and ETXWIRE registers
contain status information about the operation. The
values in these registers will persist until the next
packet is transmitted (again, either successfully or
unsuccessfully). Therefore, ETXSTAT and ETXWIRE
should be treated as valid only when TXRTS is clear.
The
LATECOL
(ETXSTAT<10>),
MAXCOL
(ETXSTAT<9>) and EXDEFER (ETXSTAT<8>) bits are
error flags indicating that packet transmission has
failed. (These errors are possible only in Half-Duplex
mode; therefore, these status bits should be ignored
when operating in Full-Duplex mode.) The device
asserts these flags and clears the TXRTS bit to prevent
a single packet from stalling device operation. When
any of these flags are set, the packet was not success-
fully transmitted and the host controller should
determine whether to retry or ignore the error.
The CRCBAD (EXTSTAT<4>) bit is a warning. It is only
meaningful when automatic CRC generation is dis-
abled and indicates that the checksum computed by
the MAC did not match the one appended by software.
If the software CRC is incorrect, the packet will be
rejected by the remote node. When automatic MAC
hardware generation of the CRC is enabled, this bit can
be ignored as the CRC is always correct.
The DEFER bit (ETXSTAT<7>) and the COLCNT<3:0>
bits (ETXSTAT<3:0>) are status indicators. DEFER
simply indicates that the device had to wait before
transmitting due to flow control or other traffic on the
network. The COLCNT bits indicate the number of
collisions that occurred before the packet was
successfully transmitted.
The ETXWIRE register is a count of the number of
actual bytes the MAC transmitted onto the physical
medium before the transmission completed, either
successfully or unsuccessfully. In Full-Duplex mode,
this count is the total length of the packet, including
padding and CRC. In Half-Duplex mode, this status
register includes all extra bytes that were transmitted
due to any collisions that occurred. Therefore, it can be
used to gauge how much total bandwidth the
application is using.
9.1.2
SPECIAL CASE TRANSMISSION
When the value of ETXLEN is 07h or less, the ability to
set the TXRTS bit is locked out in hardware. This is
because the resulting packet would be unable to meet
IEEE 802.3 requirements.
If the PHY is unlinked at the time software sets the
TXRTS bit to transmit a packet, the transmission will
complete normally with applicable interrupts still occur-
ring. However, the PHY submodule will also suppress
the transmission of any data onto the physical medium.
This avoids interference with auto-negotiation, which
may be already using the physical medium. This
behavior is also necessary to meet IEEE 802.3
specifications.
If an attempt is made to transmit a packet that is larger
than specified in the MAC Maximum Frame Length reg-
ister, and huge frames are disabled (MACON2<2> = 0),
the transmission will start normally. However, once the
MAC has transmitted the number of bytes defined in
MAMXFL, the MAC will immediately cease transmis-
sion. This results in the packet being partially transmitted
and then truncated without a valid CRC being
appended. In almost all cases, this results in the remote
node rejecting the packet as having an invalid CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com